Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52T430K3T6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST52T430K3T6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K3T6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST52T430K3T6 Datasheet HTML 23Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 24Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 25Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 26Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 27Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 28Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 29Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 30Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
ST52T430/E430
27/88
4 INTERRUPTS
The Control Unit (CU) responds to peripheral
events and external events via its interrupt
channels.
When such an events occur, if the related interrupt
is not masked and according to a priority order, the
current program execution can be suspended to
allow the CU to execute a specific response
routine.
Each interrupt is associated with an interrupt
vector that contains the memory address of the
related interrupt service routine. Each vector is
located in the Program Space (EPROM Memory)
at a fixed address (see Interrupt Vectors Table
4.2).
4.1 Interrupt Operation
If there are pending interrupts at the end of an
arithmetic or logic instruction, the one with the
highest priority is passed. Passing an interrupt
means storing the arithmetic flags and the current
PC in the stack and executing the associated
Interrupt routine, whose address is located in three
bytes of the EPROM memory location between
address 3 and 20.
The Interrupt routine is performed as a normal
code, checking if a higher priority interrupt has to
be passed at the end of each instruction. An
Interrupt request with the higher priority stops the
lower priority Interrupt. The Program Counter and
the arithmetic flags are stored in the stack.
With the RETI (Return from Interrupt) instruction
the arithmetic flags and Program Counter (PC) are
restored from the top of the stack. This stack was
already described in section RAM and STACK.
An Interrupt request cannot stop processing of the
fuzzy rule, but this is passed only after the end of
a fuzzy rule or at the end of a logic, or arithmetic
instruction.
NOTE: A fuzzy routine can only be interrupted
in the Main program. An interrupt request
cannot stop a Fuzzy function that is running
inside another interrupt routine. In order to use
a Fuzzy function inside an interrupt routine, the
user MUST include the Fuzzy function between
an UDGI (MDGI) instruction and an UEGI
(MEGI)
instruction
(see
the
following
paragraphs), so that the interrupt request may
be disabled during the execution of the fuzzy
function.
4.2 Global Interrupt Request Enabling
When an Interrupt occurs, it generates a Global
Interrupt Pending (GIP), that can be masked by
software. After a GIP a Global Interrupt Request
(GIR) will be generated and Interrupt service
Figure 4.1 Interrupt Flow
Figure 4.2 Interrupt Vectors mapping
Figure 4.3 Global Interrupt Request generation
NORMAL
PROGRAM
FLOW
INTERRUPT
SERVICE
ROUTINE
RETI
INSTRUCTION
INTERRUPT
INT_ADC
INT_TIMER/PWM2
INT_SCI
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
INTERRUPT
VECTORS
INT_EXT
18
19
20
INT_TIMER/PWM1
INT_TIMER/PWM0
Global Interrupt
Pending
User Global
Interrupt Mask
Macro Global
Global Interrupt
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com