Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52T430K3T6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST52T430K3T6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K3T6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST52T430K3T6 Datasheet HTML 26Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 27Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 28Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 29Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 30Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 31Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 32Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 33Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
ST52T430/E430
30/88
Figure 4.5 Interrupt Configuration Register 17 & 18
4.5 Interrupt Priority
Seven priority levels are available: level 6 has the
lowest priority, level 0 has the highest priority.
Level 6 is associated to the Main Program, levels 5
to 1 are programmable by means of the priority
registers
called
REG_CONF17
and
REG_CONF18 (see Figure 4.5 and Table 4.3);
whereas the higher level is related to the external
interrupt (INT_EXT).
PWM/Timers, UART and ADC are identified by a
three-bit Peripheral Codes (see Table 4.2); in order
to set the
i-th priority level the user must write the
peripheral label
i in the related INTi priority level.
i.e.
LDRC
10,
193
//(load
the
value
193=’11000001’ in the RAM Register 10)
LDRC
11,
168
//(load
the
value
168=’10101000’ in the RAM Register 11)
LDCR
17,
10
//
set
the
REG_CONF17=
‘11000001’
LDCR
18,
11
//
set
the
REG_CONF18=
‘10101000’
The following priority levels are defined:
s
Level 1: INT_PWM/TIMER0 (PWM/TIMER 0
Code: 001)
s
Level 2: INT_ADC (ADC Code: 000)
s
Level 3: Int_PWM/Timer2 (PWM/TIMER 2
Code: 011)
s
Level 4: INT_UART (UART Code: 100)
s
Level 5: INT_PWM/TIMER1 (PWM/TIMER 1
Code: 010)
Table 4.3 Conf. Register 17 & 18 Description
Bit
Name
Value
Level
0, 1,2
INT1
Periphera
l Code
High
3, 4,5
INT2
Periphera
l Code
Medium-High
6,7,8
INT3
Periphera
l Code
Medium-Low
9,10,11
INT4
Periphera
l Code
Low
12,13,1
4
INT5
Periphera
l Code
Very Low
D0
D1
D2
D3
D4
D5
D6
D7
INT 1
Not Used
INT 2
REG_CONF17
Interrupts Priority
D8
D9
D10
D11
D12
D13
D14
D15
REG_CONF18
INT 3
INT 5
INT 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com