Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52T400F1B6 Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST52T400F1B6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400F1B6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST52T400F1B6 Datasheet HTML 83Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 84Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 85Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 86Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 87Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 88Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 89Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 90Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 94 page
background image
ST52T400/T440/E440/T441
87/94
Table 11.19 SOP28 PACKAGE MECHANICAL DATA
DIM
mm
inch.
MIN
TYP.
MAX
MIN
TYP.
MAX
A
1.55
1.75
0.061
0.069
a1
0.10
0.25
0.004
0.010
b
0.20
0.30
0.008
0.012
b1
0.18
0.25
0.007
0.010
D
9.80
9.98
0.386
0.393
F
5.79
6.20
0.228
0.244
e
0.64
0.025
E
3.80
3.98
0.15
0.157
L
0.40
0.90
0.016
0.035
S8°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com