Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52T400F1B6 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST52T400F1B6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T400F1B6 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST52T400F1B6 Datasheet HTML 86Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 87Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 88Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 89Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 90Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 91Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 92Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 93Page - STMicroelectronics ST52T400F1B6 Datasheet HTML 94Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
ST52T400/T440/E440/T441
92/94
ORDERING INFORMATION
Each device is available for production in user
programmable version (OTP) as well as in factory
programmed version (FASTROM). OTP devices
are shipped to customers with a default blank con-
tent FFh, while FASTROM factory programmed
parts contain the code sent by the customer.
There is one common EPROM version for debug-
ging and prototyping which features the maximum
memory size and peripherals of the family. Care
must be taken to only use resources available on
the target device.In order to obtain a list of part
numbers see ST52T400/T440/E440/T441 Sales
Type List at the beginning of the datasheet.
Figure 11.16 Device Type Codes
ST52 t nnn
c m p y
TEMPERATURE RANGE:
6 = -40 to 85°C
PACKAGES:
B = PDIP
M = PSO
MEMORY SIZE:
0 = 1Kb
1 = 2Kb
2 = 4Kb
3 = 8Kb
PIN COUNT:
F =20 pin
G = 28 pin
SUBFAMILY:
400
440
MEMORY TYPE:
T =OTP
E =EPROM
FAMILY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com