Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSRL0601 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSRL0601
Description  Single Output Up to 320 Watts AC/DC Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL0601 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSRL0601 Datasheet HTML 1Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 2Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 3Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 4Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL0601 Series
Single Output
Up to 320 Watts
AC/DC Switching Power Supply
SPECIFICATIONS (CONTINUED)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, de-rating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
5 ~ 50Hz, acceleration 7.35 m/(s x s) on X, Y, and Z axis.
Cooling
U Type (U-Chassis): 320W max with 22CFM forced airflow or 180W under convection cooling.
C Type (U-Chassis with top cover): 170W max convection cooling.
E Type (Enclosed with rear side built-in fan): 320W max.
F Type (Enclosed with top built-in fan): 320W max.
Fan Drive
12VDC/400mA is available to drive an external fan.
MTBF
100,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
U Type (U-Chassis): 600g
C Type (U-Chassis with top cover): 650g
E Type (Enclosed with rear side built-in fan): 750g
F Type (Enclosed with top built-in fan): 800g
Dimensions
U Type (U-Chassis): 6(L) x 4(W) x 1.5(H) inches.
C Type (U-Chassis with top cover): 6(L) x 4(W) x 1.55(H)
E Type (Enclosed with rear side built-in fan): 7(L) x 4(W) x 1.6(H)
F Type (Enclosed with top built-in fan): 6(L) x 4(W) x 2(H) inches.
Warranty
2 years
SAFETY
EMC Standards
CISPR 22 / EN55022 class B, EN61000-3-2,3, EN61000-4-2,3,4,5,6,8,11, EN55024 CE Marked (LVD).
Safety Regulations
Approved to UL60950-1, CSA C22.2 No. 60950-1, TUV EN60950-1, and CB certificate available.
OUTPUT VOLTAGE / CURRENT RATING CHART
Max. Output Current or Power
Model
Output Voltage
Range
Preset
Voltage
Type U
(Convection)
Type C
(Convection)
Types E, F, and U
(forced air)
Regulation
Ripple &
Noise
PSRL0601x-05
2 – 5.5 VDC
5 VDC
27.28A
25A
45A
±1%
50mV
PSRL0601x-09
6 – 11 VDC
9 VDC
16.37A
13.64A
29.1A
±1%
±1%
PSRL0601x-12
12 – 13.5 VDC
12 VDC
180W
170W
320W
±1%
±1%
PSRL0601x-15
13.6 – 15 VDC
15 VDC
180W
170W
320W
±1%
±1%
PSRL0601x-18
16 – 20 VDC
18 VDC
180W
170W
320W
±1%
±1%
PSRL0601x-24
21 – 26 VDC
24 VDC
180W
170W
320W
±1%
±1%
PSRL0601x-28
27 – 34 VDC
28 VDC
180W
170W
320W
±1%
±1%
PSRL0601x-36
35 – 42 VDC
36 VDC
180W
170W
320W
±1%
±1%
PSRL0601x-48
43 – 50 VDC
48 VDC
180W
170W
320W
±1%
±1%
PSRL0601x-54
51 – 60 VDC
54 VDC
180W
170W
320W
±1%
±1%
NOTES
1. PSRL0601 Series is designated as PSRL0601x-y where x can be U (U-chassis), C (U-chassis with top cover) E (Enclosed type with
rear side built-in fan) or F (Enclosed type with top side built-in fan ), y can be 05, 09, 12, 15, 18, 24, 28, 36, 48, 54 for output voltage.
2. PSRL0601U Series: U-Chassis @ 320W max. with 22CFM max. forced airflow or 180W convection cooled output.
3. PSRL0601C Series: U-Chassis @ 170W max convection cooled.
4. PSRL0601E Series: Enclosed with rear side built-in fan @ 320W max.
5. PSRL0601F Series: Enclosed with top built-in fan @ 320W max.
6. Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1µF ceramic and 22µF electrolytic capacitors.
7. Providing peak power to 700W within 500uS for all models, longer duty duration must contact manufacturer.
8. All output ranges are covered in agency certifications and the preset voltage will be set as standard models if nothing different is
requested. If desired preset output does not appear, please contact us.
9. 1% minimum load is required to maintain the ripple and regulation.
10. Output is fully isolated



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com