Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSRL0601 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSRL0601
Description  Single Output Up to 320 Watts AC/DC Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSRL0601 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSRL0601 Datasheet HTML 1Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 2Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 3Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 4Page - Wall Industries,Inc. PSRL0601 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSRL0601 Series
Single Output
Up to 320 Watts
AC/DC Switching Power Supply
FEATURES
● Smallest 320W with 1U Height Power Density: 8.9 Watts/cu in
● Low Leakage Current 500uA @ 240VAC / 300uA @ 120VAC
● Power Factor Corrected to EN61000-3-2 Class A
● Peak Power 700W within 500uS Duty Duration
● Approved to UL CUL TUV CB and CE
● AC Input Range Auto-Selectable
● Output Voltages from 2 ~ 60VDC
● 4 - Mechanical Options
● 2 Year Warranty
SPECIFICATIONS: PSRL0601 Series
All specifications are based on 25
oC, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
INPUT SPECIFICATIONS
Input Voltage
90 - 132 / 180 - 264VAC Auto-ranging
Input Frequency
47 to 63Hz
Input Current
8 / 4A at 100 - 120 / 200 - 240VAC
Inrush Current
Max 70A @ 230VAC and 35A @ 115VAC; cold start.
Leakage Current
Regular type 1.5mA @240VAC. (Optional for 500µA max. at 240VAC / 300µA max. at 120VAC input).
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Output Power Range
320 Watts max with 22CFM airflow. (See Notes 2, 3, 4, and 5)
Output Adjustability
Output user adjustable ±5% minimum.
Total Regulation
±1%
Output Current
See Table
Ripple & Noise (peak to peak)
See Table
Transient Response
Returns to within 1% in less than 2.5ms for a 50% load change and the peak transient does not excess 5%.
Hold-Up Time
20ms min. at 80% of full load.
Overshoot
Turn-on & off overshoot < 5% over nominal voltage.
Turn On Delay
1 second maximum at 120VAC.
PROTECTION
Over Voltage Protection
Unit latching down when output exceeds 130% and recycle AC input to reset.
Short Circuit Protection
Trip without damage and auto-recovery.
Over-Temperature Protection
Unit protected of excessive operating ambient 85°C; automatic recovery.
Over Power Protection
C.C. mode 110-140%; auto-recovery.
Input Fusing Protection
One T8AL250V fuse inserted in primary.
GENERAL SPECIFICATIONS
Switching Frequency
23KHz fixed frequency.
Efficiency
70% for 3.3V, 75% for 5V, 80% for 12V, and 83% min. for other outputs (Measuring at 230VAC and full load).
Withstand Voltage
1500 VAC input line to chassis (10mA DC cut off current). 3000VAC primary to secondary windings; 1500VAC
primary to core. All for 3 sec.
Burn In
45 ±5°C for one hour @ 230VAC with full load.
PFC
Power factor correction pass EN61000-3-2 Class A.
Power Good
Designated as PG on CN1 and TTL high 100-500ms after regulation. It goes low at least 1ms before loss of
regulation and has ability to sink 100mA.
Power Supply On
Green LED designated as LED1 on the PCB.
Grounding Test
Apply 25A from ground pin of the three prong plug to the far most earth. Max. allowable resistance is 0.1 ohm.
Fan Fail (FF) Alarm
Designated as FF on pin 3 of CN1 is an open collector output rated for 15VDC/5mA sink current maximum; it
will go high when a fan failure is detected.


Similar Part No. - PSRL0601

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL0601D WALL-PSRL0601D Datasheet
366Kb / 5P
300 Watt Dual Output AC/DC Switching Power Supply
PSRL0601DX-0512 WALL-PSRL0601DX-0512 Datasheet
366Kb / 5P
300 Watt Dual Output AC/DC Switching Power Supply
PSRL0601DX-0524 WALL-PSRL0601DX-0524 Datasheet
366Kb / 5P
300 Watt Dual Output AC/DC Switching Power Supply
PSRL0601DX-0548 WALL-PSRL0601DX-0548 Datasheet
366Kb / 5P
300 Watt Dual Output AC/DC Switching Power Supply
PSRL0601DX-1224 WALL-PSRL0601DX-1224 Datasheet
366Kb / 5P
300 Watt Dual Output AC/DC Switching Power Supply
More results

Similar Description - PSRL0601

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSMPS30 WALL-PSMPS30 Datasheet
168Kb / 3P
Single Output Up to 30 Watts AC/DC Medical Power Supply
PSMPS45 WALL-PSMPS45 Datasheet
157Kb / 3P
Single Output Up to 48 Watts AC/DC Medical Power Supply
PSMPS65 WALL-PSMPS65 Datasheet
169Kb / 3P
Single Output Up to 65 Watts AC/DC Medical Power Supply
PSPS25 WALL-PSPS25 Datasheet
184Kb / 3P
Single Output Up to 25 Watts AC/DC Power Supply
PSPS45 WALL-PSPS45 Datasheet
183Kb / 3P
Single Output Up to 48 Watts AC/DC Power Supply
PSPS65 WALL-PSPS65 Datasheet
183Kb / 3P
Single Output Up to 65 Watts AC/DC Power Supply
PSRL0603 WALL-PSRL0603 Datasheet
380Kb / 5P
Single Output Up to 250 Watts AC/DC Switching Power Supply
PSRL0603D WALL-PSRL0603D Datasheet
406Kb / 5P
Dual Output Up to 250 Watts AC/DC Switching Power Supply
PSRL9827 WALL-PSRL9827 Datasheet
345Kb / 4P
Single Output Up to 150 Watts AC/DC Switching Power Supply
DTIPU30 WALL-DTIPU30 Datasheet
144Kb / 2P
Single Output Up to 30 Watts AC/DC Desktop Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com