Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72621J4 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST72621J4
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72621J4 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST72621J4 Datasheet HTML 81Page - STMicroelectronics ST72621J4 Datasheet HTML 82Page - STMicroelectronics ST72621J4 Datasheet HTML 83Page - STMicroelectronics ST72621J4 Datasheet HTML 84Page - STMicroelectronics ST72621J4 Datasheet HTML 85Page - STMicroelectronics ST72621J4 Datasheet HTML 86Page - STMicroelectronics ST72621J4 Datasheet HTML 87Page - STMicroelectronics ST72621J4 Datasheet HTML 88Page - STMicroelectronics ST72621J4 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 132 page
background image
ST7262
85/132
USB INTERFACE (Cont’d)
ENDPOINT n REGISTER B (EPnRB)
Read / Write
Reset Value: 0000 xxxx (0xh)
These registers (EP1RB and EP2RB) are used for
controlling data reception on Endpoints 1 and 2.
They are also reset by the USB bus reset.
Note: Endpoint 2 and the EP2RB register are not
available on some devices (see device feature list
and register map).
Bit 7 = CTRL
Control.
This bit should be 0.
Note: If this bit is 1, the Endpoint is a control end-
point. (Endpoint 0 is always a control Endpoint, but
it is possible to have more than one control End-
point).
Bit 6 = DTOG_RX
Data toggle, for reception trans-
fers.
It contains the expected value of the toggle bit
(0=DATA0, 1=DATA1) for the next data packet.
This bit is cleared by hardware in the first stage
(Setup Stage) of a control transfer (SETUP trans-
actions start always with DATA0 PID). The receiv-
er toggles DTOG_RX only if it receives a correct
data packet and the packet’s data PID matches
the receiver sequence bit.
Bits 5:4 = STAT_RX [1:0]
Status bits, for reception
transfers.
These bits contain the information about the end-
point status, which are listed below:
These bits are written by software. Hardware sets
the STAT_RX bits to NAK when a correct transfer
has occurred (CTR=1) related to an OUT or SET-
UP transaction addressed to this endpoint, so the
software has the time to elaborate the received
data before acknowledging a new transaction.
Bits 3:0 = EA[3:0]
Endpoint address.
Software must write in this field the 4-bit address
used to identify the transactions directed to this
endpoint. Usually EP1RB contains “0001” and
EP2RB contains “0010”.
ENDPOINT 0 REGISTER B (EP0RB)
Read / Write
Reset Value: 1000 0000 (80h)
This register is used for controlling data reception
on Endpoint 0. It is also reset by the USB bus re-
set.
Bit 7 = Forced by hardware to 1.
Bits 6:4 = Refer to the EPnRB register for a de-
scription of these bits.
Bits 3:0 = Forced by hardware to 0.
70
CTRL
DTOG
_RX
STAT
_RX1
STAT
_RX0
EA3
EA2
EA1
EA0
STAT_RX1
STAT_RX0 Meaning
00
DISABLED: reception
transfers cannot be exe-
cuted.
01
STALL: the endpoint is
stalled and all reception
requests
result
in
a
STALL handshake.
10
NAK: the endpoint is na-
ked and all reception re-
quests result in a NAK
handshake.
11
VALID: this endpoint is
enabled for reception.
70
1
DTOG
RX
STAT
RX1
STAT
RX0
00
0
0
STAT_RX1
STAT_RX0 Meaning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com