| Electronic Components Datasheet Search |
|
ST72621J4 Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72621J4 Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 132 page ![]() ST7262 4/132 1 INTRODUCTION The ST7262, ST72P62 and ST72F62 devices are members of the ST7 microcontroller family de- signed for USB applications. All devices are based on a common industry- standard 8-bit core, featuring an enhanced instruc- tion set. The ST7262 devices are ROM versions. The ST72P62 devices are Factory Advanced Service Technique ROM (FASTROM) versions: they are factory-programmed and are not repro- grammable. The ST72F62 versions feature dual-voltage FLASH memory with FLASH Programming capa- bility. Under software control, all devices can be placed in WAIT, SLOW, or HALT mode, reducing power consumption when the application is in idle or standby state. The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 micro- controllers feature true bit manipulation, 8x8 un- signed multiplication and indirect addressing modes. Figure 1. General Block Diagram 8-BIT CORE ALU OSCIN OSCOUT RESET PORT B USB SIE PORT A SCI PORT C SPI PB7:0 (8 bits) PC7:0 (8 bits) OSCILLATOR Internal CLOCK CONTROL RAM (384, PA7:0 (8 bits) VSS VDD POWER SUPPLY PROGRAM (8 or 16K Bytes) LVD 10-BIT ADC MEMORY WATCHDOG USBDP USBDM USBVCC PWM ART USB DMA VSSA VDDA PORT D PD6:0 (7 bits) TIME BASE UNIT VPP or 768 Bytes) 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |