Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 169 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 169 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 165Page - STMicroelectronics ST72F521R6TC Datasheet HTML 166Page - STMicroelectronics ST72F521R6TC Datasheet HTML 167Page - STMicroelectronics ST72F521R6TC Datasheet HTML 168Page - STMicroelectronics ST72F521R6TC Datasheet HTML 169Page - STMicroelectronics ST72F521R6TC Datasheet HTML 170Page - STMicroelectronics ST72F521R6TC Datasheet HTML 171Page - STMicroelectronics ST72F521R6TC Datasheet HTML 172Page - STMicroelectronics ST72F521R6TC Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 211 page
background image
ST72521
169/211
SUPPLY CURRENT CHARACTERISTICS (Cont’d)
12.4.3 RUN and SLOW Modes (ROM devices)
12.4.4 WAIT and SLOW WAIT Modes (ROM devices)
Notes:
1. Data based on characterization results, tested in production at VDD max. and fCPU max.
2. Measurements are done in the following conditions:
- Progam executed from RAM, CPU running with RAM access. There is no increase in consumption if programs are ex-
ecuted in ROM
- All I/O pins in input mode with a static value at VDD or VSS (no load)
- All peripherals in reset state.
- CSS and LVD disabled.
- Clock input (OSC1) driven by external square wave.
- In SLOW and SLOW WAIT mode, fCPU is based on fOSC divided by 32.
To obtain the total current consumption of the device, add the clock source (Section 12.5.3 and Section 12.5.4) and the
peripheral power consumption (Section 12.4.7).
Symbol
Parameter
Conditions
Typ
Max 1)
Unit
IDD
Supply current in RUN mode 2)
fOSC=2MHz, fCPU=1MHz
fOSC=4MHz, fCPU=2MHz
fOSC=8MHz, fCPU=4MHz
fOSC=16MHz, fCPU=8MHz
1.3
2.0
3.6
7.1
3.0
5.0
8.0
15.0
mA
Supply current in SLOW mode 2)
fOSC=2MHz, fCPU=62.5kHz
fOSC=4MHz, fCPU=125kHz
fOSC=8MHz, fCPU=250kHz
fOSC=16MHz, fCPU=500kHz
0.6
0.7
0.8
1.1
2.7
3.0
3.6
4.0
Symbol
Parameter
Conditions
Typ
Max 1)
Unit
IDD
Supply current in WAIT mode 2)
fOSC=2MHz, fCPU=1MHz
fOSC=4MHz, fCPU=2MHz
fOSC=8MHz, fCPU=4MHz
fOSC=16MHz, fCPU=8MHz
1.0
1.5
2.5
4.5
3.0
4.0
5.0
7.0
mA
Supply current in SLOW WAIT mode 2)
fOSC=2MHz, fCPU=62.5kHz
fOSC=4MHz, fCPU=125kHz
fOSC=8MHz, fCPU=250kHz
fOSC=16MHz, fCPU=500kHz
0.07
0.1
0.2
0.35
1.2
1.3
1.8
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com