Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 168Page - STMicroelectronics ST72F521R6TC Datasheet HTML 169Page - STMicroelectronics ST72F521R6TC Datasheet HTML 170Page - STMicroelectronics ST72F521R6TC Datasheet HTML 171Page - STMicroelectronics ST72F521R6TC Datasheet HTML 172Page - STMicroelectronics ST72F521R6TC Datasheet HTML 173Page - STMicroelectronics ST72F521R6TC Datasheet HTML 174Page - STMicroelectronics ST72F521R6TC Datasheet HTML 175Page - STMicroelectronics ST72F521R6TC Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 211 page
background image
ST72521
172/211
12.5 CLOCK AND TIMING CHARACTERISTICS
Subject to general operating conditions for VDD, fCPU, and TA.
12.5.1 General Timings
12.5.2 External Clock Source
Figure 89. Typical Application with an External Clock Source
Notes:
1. Data based on typical application software.
2. Time measured between interrupt event and interrupt vector fetch.
∆t
c(INST) is the number of tCPU cycles needed to finish
the current instruction execution.
3. Data based on design simulation and/or technology characteristics, not tested in production.
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
tc(INST)
Instruction cycle time
2
3
12
tCPU
fCPU=8MHz
250
375
1500
ns
tv(IT)
Interrupt reaction time 2)
tv(IT) = ∆tc(INST) + 10
10
22
tCPU
fCPU=8MHz
1.25
2.75
µs
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOSC1H
OSC1 input pin high level voltage
see Figure 89
VDD-1
VDD
V
VOSC1L
OSC1 input pin low level voltage
VSS
VSS+1
tw(OSC1H)
tw(OSC1L)
OSC1 high or low time 3)
5
ns
tr(OSC1)
tf(OSC1)
OSC1 rise or fall time 3)
15
IL
OSCx Input leakage current
VSS≤VIN≤VDD
±1
µA
OSC1
OSC2
fOSC
EXTERNAL
ST72XXX
CLOCK SOURCE
Not connected internally
VOSC1L
VOSC1H
tr(OSC1)
tf(OSC1)
tw(OSC1H)
tw(OSC1L)
IL
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com