Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 172Page - STMicroelectronics ST72F521R6TC Datasheet HTML 173Page - STMicroelectronics ST72F521R6TC Datasheet HTML 174Page - STMicroelectronics ST72F521R6TC Datasheet HTML 175Page - STMicroelectronics ST72F521R6TC Datasheet HTML 176Page - STMicroelectronics ST72F521R6TC Datasheet HTML 177Page - STMicroelectronics ST72F521R6TC Datasheet HTML 178Page - STMicroelectronics ST72F521R6TC Datasheet HTML 179Page - STMicroelectronics ST72F521R6TC Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 211 page
background image
ST72521
176/211
CLOCK CHARACTERISTICS (Cont’d)
12.5.5 Clock Security System (CSS)
Note:
1. Data based on characterization results.
12.5.6 PLL Characteristics
Operating conditions: VDD 3.8 to 5.5V @ TA 0 to 70°C
1) or V
DD 4.5 to 5.5V @ TA -40 to 125°C
Note:
1. Data characterized but not tested.
Figure 92. PLL Jitter vs. Signal frequency1
The user must take the PLL jitter into account in
the application (for example in serial communica-
tion or sampling of high frequency signals). The
PLL jitter is a periodic effect, which is integrated
over several CPU cycles. Therefore the longer the
period of the application signal, the less it will be
impacted by the PLL jitter.
Figure 92 shows the PLL jitter integrated on appli-
cation signals in the range 125kHz to 2MHz. At fre-
quencies of less than 125KHz, the jitter is negligi-
ble.
Note 1: Measurement conditions: fCPU = 4MHz, TA= 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSFOSC
Safe Oscillator Frequency 1)
3MHz
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(PLL)
PLL Operating Range
TA 0 to 70°C
3.8
5.5
V
TA -40 to +125°C
4.5
5.5
fOSC
PLL input frequency range
2
4
MHz
∆ f
CPU/ fCPU
Instantaneous PLL jitter 1)
fOSC = 4 MHz.
1.0
2.5
%
fOSC = 2 MHz.
2.5
4.0
%
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2000
1000
500
250
125
Application Signal Frequency (KHz)
PLL ON
PLL OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com