Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 170Page - STMicroelectronics ST72F521R6TC Datasheet HTML 171Page - STMicroelectronics ST72F521R6TC Datasheet HTML 172Page - STMicroelectronics ST72F521R6TC Datasheet HTML 173Page - STMicroelectronics ST72F521R6TC Datasheet HTML 174Page - STMicroelectronics ST72F521R6TC Datasheet HTML 175Page - STMicroelectronics ST72F521R6TC Datasheet HTML 176Page - STMicroelectronics ST72F521R6TC Datasheet HTML 177Page - STMicroelectronics ST72F521R6TC Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 211 page
background image
ST72521
174/211
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
Notes:
1. Resonator characteristics given by the ceramic resonator manufacturer.
2. tSU(OSC) is the typical oscillator start-up time measured between VDD=2.8V and the fetch of the first instruction (with a
quick VDD ramp-up from 0 to 5V (<50µs).
3. Resonators all have different characteristics. Contact the manufacturer to obtain the appropriate values of external
components and to verify oscillator performance.
4. 3rd overtone resonators require specific validation by the resonator manufacturer.
Oscil.
Typical Ceramic Resonators (information for guidance only)
CL1
[pF]
CL2
[pF]
tSU(osc)
[ms] 2)
Reference3)
Freq.
Characteristic 1)
LP
CSA2.00MG
2MHz
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,±x.x%correl]22
22
4
MP
CSA4.00MG
4MHz
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,±x.x%correl]22
22
2
MS
CSA8.00MTZ
8MHz
∆f
OSC=[±0.5%tolerance,±0.5%
∆Ta,±0.3%aging,±x.x%correl]33
33
1
HS
CSA16.00MXZ0404)
16MHz
∆f
OSC=[±0.5%tolerance,±0.3%
∆Ta,±0.3%aging,±x.x%correl] 33
33
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com