Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72F521R6TC Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST72F521R6TC
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F521R6TC Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST72F521R6TC Datasheet HTML 169Page - STMicroelectronics ST72F521R6TC Datasheet HTML 170Page - STMicroelectronics ST72F521R6TC Datasheet HTML 171Page - STMicroelectronics ST72F521R6TC Datasheet HTML 172Page - STMicroelectronics ST72F521R6TC Datasheet HTML 173Page - STMicroelectronics ST72F521R6TC Datasheet HTML 174Page - STMicroelectronics ST72F521R6TC Datasheet HTML 175Page - STMicroelectronics ST72F521R6TC Datasheet HTML 176Page - STMicroelectronics ST72F521R6TC Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 211 page
background image
ST72521
173/211
CLOCK AND TIMING CHARACTERISTICS (Cont’d)
12.5.3 Crystal and Ceramic Resonator Oscillators
The ST7 internal clock can be supplied with four
different Crystal/Ceramic resonator oscillators. All
the information given in this paragraph are based
on characterization results with specified typical
external components. In the application, the reso-
nator and the load capacitors have to be placed as
close as possible to the oscillator pins in order to
minimize output distortion and start-up stabiliza-
tion time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, pack-
age, accuracy...).
Figure 90. Typical Application with a Crystal or Ceramic Resonator
Notes:
1. The oscillator selection can be optimized in terms of supply current using an high quality resonator with small RS value.
Refer to crystal/ceramic resonator manufacturer for more details.
Symbol
Parameter
Conditions
Min
Max
Unit
fOSC
Oscillator Frequency 1)
LP: Low power oscillator
MP: Medium power oscillator
MS: Medium speed oscillator
HS: High speed oscillator
1
>2
>4
>8
2
4
8
16
MHz
RF
Feedback resistor
20
40
k
Ω
CL1
CL2
Recommended load capacitance ver-
sus equivalent serial resistance of the
crystal or ceramic resonator (RS)
RS=200Ω
LP oscillator
RS=200Ω
MP oscillator
RS=200Ω
MS oscillator
RS=100Ω
HS oscillator
22
22
18
15
56
46
33
33
pF
Symbol
Parameter
Conditions
Typ
Max
Unit
i2
OSC2 driving current
VDD=5V
LP oscillator
VIN=VSS
MP oscillator
MS oscillator
HS oscillator
80
160
310
610
150
250
460
910
µA
OSC2
OSC1
fOSC
CL1
CL2
i2
RF
ST72XXX
RESONATOR
WHEN RESONATOR WITH
INTEGRATED CAPACITORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com