Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538P Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST7538P
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538P Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST7538P Datasheet HTML 14Page - STMicroelectronics ST7538P Datasheet HTML 15Page - STMicroelectronics ST7538P Datasheet HTML 16Page - STMicroelectronics ST7538P Datasheet HTML 17Page - STMicroelectronics ST7538P Datasheet HTML 18Page - STMicroelectronics ST7538P Datasheet HTML 19Page - STMicroelectronics ST7538P Datasheet HTML 20Page - STMicroelectronics ST7538P Datasheet HTML 21Page - STMicroelectronics ST7538P Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
ST7538
18/30
s
Automatic Level Control (ALC)
The Automatic Level Control Block (ALC) is a variable gain amplifier (with 32 non linear discrete steps)
controlled by two analog feed backs acting at the same time. The ALC gain range is 0dB to 30 dB and
the gain change is clocked at 5KHz. Each step increases or reduces the voltage of 1dB (Typ).
Two are the control loops acting to define the ALC gain:
- A Voltage Control loop
- A Current Control Loop
The Voltage control loop acts to keep the Peak-to-Peak Voltage constant on Vsense. The gain
adjustment is related to the result of a peak detection between the Voltage waveform on Vsense and
two internal Voltage references.
- If Vsense < VCLTH - VCLHYST
The next gain level is increased by 1 step
- If VCLTH - VCLHYST < Vsense < VCLTH + VCLHYST
No Gain Change
- If Vsense > VCLTH + VLCHYST
The next gain level is decreased by 1 step
The Current control loop acts to limit the maximum Peak Output current inside ATOP1 and ATOP2.
The current control loop acts through the voltage control loop decreasing the Output Peak-to-Peak
Amplitude to reduce the Current inside the Power Line Interface.
The current sensing is done by mirroring the current in the High side MOS of the Power Amplifier (not
dissipating current Sensing). The Output Current Limit (up to 400mApeak), is set by means of an
external resistor (RCL) connected between CL and PAVss. The resistor converts the current sensed into
a voltage signal. The Peak current sensing block works as the Output Voltage sensing Block:
- If V(CL) < CCLTH - CCLHYST
Voltage Control Loop Acting
- If CCLTH - CCLHYST < V(CL) < CCLTH + CCLHYST
No Gain Change
- If V(CL) > CCLTH + CLCHYST
The next gain level is decreased by 1 step
Figure 13 shows the typical connection of Current anVoltage control loops.
Figure 13. Voltage and Current Feedback external interconnection Example
Voltage Control Loop Formula
R1
ALC
VOLTAGE
LOOP
CURRENT
LOOP
Vsense
CL
ATOP/ATO
VRPK
VCLHYST
VCLTH
1.865V (Typ)
CCLHYST
CCLTH
AVss
5.6nF
R2
RCL
100pF
Vout
D03IN1421
VR
PK
R
1
R
2
+
R
2
--------------------
VCL
TH
VCL
HY ST
±
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com