Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7538P Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST7538P
Description  POWER LINE FSK TRANSCEIVER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7538P Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST7538P Datasheet HTML 20Page - STMicroelectronics ST7538P Datasheet HTML 21Page - STMicroelectronics ST7538P Datasheet HTML 22Page - STMicroelectronics ST7538P Datasheet HTML 23Page - STMicroelectronics ST7538P Datasheet HTML 24Page - STMicroelectronics ST7538P Datasheet HTML 25Page - STMicroelectronics ST7538P Datasheet HTML 26Page - STMicroelectronics ST7538P Datasheet HTML 27Page - STMicroelectronics ST7538P Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
ST7538
24/30
AUXILIARY ANALOG AND DIGITAL FUNCTIONS
Band In Use
The Band in Use Block has a Carrier Detection like function but with a different Input Sensibility (77dB
µV
Typ.)
and with a different BandPass filter Selectivity (40dB/Dec).
BU line is forced High when a signal in band is detected.
To prevent BU line false transition, BU signal is conditioned to Carrier Detection Internal Signal.
Time Out
Time Out Function is a protection against a too long data transmission. When Time Out function is enabled
after 1 or 3 second of continuos transmission the transceiver is forced in receiving mode. This function
allows ST7538 to automatically manage the CENELEC Medium Access specification. When a time-out
event occur, TOUT is forced high, and is held high for at least 125 ms. To Unlock the Time Out condition
RxTx
should be forced High. During the time out period only register access or reception mode are en-
abled.
During Reset sequence if RxTx line =”0” & REG_DATA line =”1”, TIMEOUT protection is suddendly en-
abled and ST7538 must be configured in data reception after the reset event before starting a new data
transmission.
Time Out time is programmable using Control Register bits 7 and 8 (table 6).
Figure 17. Time-out Timing and Unlock Sequence
Reset & Watchdog
RSTO Output is a reset generator for the application circuitry. During the ST7538 startup sequence is
forced low. RSTO becomes high after a TRSTO delay from the end of oscillator startup sequence.
Inside ST7538 is also embedded a watchdog function. The watchdog function is used to detect the occur-
rence of a software fault of the Host Controller. The watchdog circuitry generates an internal and external
reset (RSTO low for TRSTO time) on expiry of the internal watchdog timer. The watchdog timer reset can
be achieved applying a negative pulse on WD pin Fig 18.
Figure 18. Reset and Watchdog Timing
TOUT
TOFF TOFFD
RxTx
TOUT
D03IN1409
TWO
TRSTO
TWD
TWM
TRSTO
RSTO
WD
D03IN1410



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com