Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C520 Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 23Page - STMicroelectronics ST75C520 Datasheet HTML 24Page - STMicroelectronics ST75C520 Datasheet HTML 25Page - STMicroelectronics ST75C520 Datasheet HTML 26Page - STMicroelectronics ST75C520 Datasheet HTML 27Page - STMicroelectronics ST75C520 Datasheet HTML 28Page - STMicroelectronics ST75C520 Datasheet HTML 29Page - STMicroelectronics ST75C520 Datasheet HTML 30Page - STMicroelectronics ST75C520 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
VII - STATUS DESCRIPTION
This appendix is dedicated to the ST75C520 re-
porting features. in the following sections the com-
mand acknowledge process and the report and
status definitions are explained.
VII.1 - Command Acknowledge and Report
VII.1.1 - Command Acknowledge Process
(see Figure 1)
The ST75C520 features an acknowledge process
based on a counter COMACK. On power-on reset
(or INIT command), this counter’s value is set to 0.
Each time a command is successfully executed by
the ST75C520, the acknowledge counter CO-
MACK is incremented. This allows a precise moni-
toring of the command entered and avoids
command collision.
In the case of a memory reading command (CR,
TDRC, TDRW, IDT or MR) once the command
entered is executed, the report area is filled and the
acknowledge counter is incremented afterwards.
This insures that the controller will read the value
corresponding to its request.
Furthermore, the ST75C520 resets the value of the
COMSYS register once the command has been
read. The interruption IT6 is raised just after the
counter is incremented.
VII.1.2 - Reports Specification
The report section of the Dual Port RAM is dedi-
cated to memory reading. In response to a CR, MR,
TDRC, TDRW, IDT commands, the value read is
transferred to the report registers COMREP[0..1].
ASSERT
INTER RUPT
IT0
SET SYSERR
ERR _IOCD
SET SY SERR
ERR_IPRM
EXECUTE
COMMAND
CLEAR
ANSWER
END
Yes
No
BEGIN
COMSYS = 0
COMMAND EXIST
No
Yes
CLEAR
COMSYS
ASSERT
INTERRUPT
IT6
COPY ANSWER
INTO
COMREP
ASS ERT
INTE RRUP T
IT0
INC REMENT
COMACK
Figure 1 : Command Acknowledge Process
ST75C520
27/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com