Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST75C520 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST75C520
Description  HIGH SPEED FAX MODEM DATA PUMP
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C520 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST75C520 Datasheet HTML 31Page - STMicroelectronics ST75C520 Datasheet HTML 32Page - STMicroelectronics ST75C520 Datasheet HTML 33Page - STMicroelectronics ST75C520 Datasheet HTML 34Page - STMicroelectronics ST75C520 Datasheet HTML 35Page - STMicroelectronics ST75C520 Datasheet HTML 36Page - STMicroelectronics ST75C520 Datasheet HTML 37Page - STMicroelectronics ST75C520 Datasheet HTML 38Page - STMicroelectronics ST75C520 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
VIII.2.2 - Power Estimation
The Power estimation Cell is needed to measure
the amplitude of the different tones. It is run on a
sample basis.
Z -1
IN
OUT
ABS(.)
P1
+
Z -1
Figure 3 : Power Estimator
The corresponding transfer function is :
Out
=
| Input| z±1
P1
1
±(1 ± P1) ⋅ z±1
VIII.2.3 - Static Level
A single Threshold level is associated with each
Cell. It can be use to compare the outputof a Power
Estimation with an Absolute Value.
VIII.2.4 - Comparator
The Comparator computes, on a baud basis, the
difference of the signal on its Positive and Negative
Inputs. If the result is Higher that zero it sets the
corresponding bit into the TONEDET[0..1] word; if
not it clear this bit.
VIII.2.5 - Wiring
The user must specify the connection (wiring) be-
tween the input/outputof the Filter, the input/output
of the Power estimator, the output of the static
levels and the two inputs of the Comparators.
The output signals have an absolute address:
Node Address
Signal
Name
Address
Description
Ground
00
Signal always equal to 0000
RxSig
01
Receive signal from the
Analog front end
RxSig2
02
Receive signal multiplied by 2
RxSig4
03
Receive signal multiplied by 4
04..0F
Reserved
Filter[0..F]
10..1F
Biquadratic Filter Outputs
Power[0..F]
20..2F
Power Estimator Outputs
Level[0..F]
30..3F
Static Levels
The user will specify the inputs of the filters, Power
and Comparator. At leastone input must come from
the RxSig (node 01, 02 or 03). It is mandatory to
connect all unused cell inputs to the Ground signal
(node 00).
ST75C520
35/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com