Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST90135 Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 173Page - STMicroelectronics ST90135 Datasheet HTML 174Page - STMicroelectronics ST90135 Datasheet HTML 175Page - STMicroelectronics ST90135 Datasheet HTML 176Page - STMicroelectronics ST90135 Datasheet HTML 177Page - STMicroelectronics ST90135 Datasheet HTML 178Page - STMicroelectronics ST90135 Datasheet HTML 179Page - STMicroelectronics ST90135 Datasheet HTML 180Page - STMicroelectronics ST90135 Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 190 page
background image
177/190
ST90158 - ELECTRICAL CHARACTERISTICS
EXTERNAL BUS TIMING TABLE
(VDD =5V ± 10%, TA = -40°C+ 85°C, Cload = 50pF, INTCLK = 16MHz, unless otherwise specified)
Note: The value in the left hand column shows the formula used to calculate the timing minimum or maximum from the oscillator clock period,
prescale value and number of wait cycles inserted.
The values in the right hand two columns show the timing minimum and maximum for an external clock at 24 MHz divided by 2, prescaler
value of zero and zero wait status.
Legend:
Tck = INTCLK period = OSCIN period when OSCIN is not divided by 2;
2*OSCIN period when OSCIN is divided by 2;
OSCIN period / PLL factor when the PLL is enabled
TckH = INTCLK high pulse width (normally = Tck/2, except when INTCLK = OSCIN, in which case it is OSCIN high pulse width)
TckL = INTCLK low pulse width (normally = Tck/2, except when INTCLK = OSCIN, in which case it is OSCIN low pulse width)
P = clock prescaling value (=PRS; division factor = 1+P)
Wa = wait cycles on AS; = max (P, programmed wait cycles in EMR2, requested wait cycles with WAIT)
Wd = wait cycles on DS; = max (P, programmed wait cycles in WCR, requested wait cycles with WAIT)
N
°
Symbol
Parameter
Value (Note)
Unit
Formula
Min. Max.
1
TsA (AS)
Address Set-up Time before AS
Tck*Wa+TckH-9
23
ns
2
ThAS (A)
Address Hold Time after AS
TckL-4
28
ns
3
TdAS (DR)
AS
↑ to Data Available (read)
Tck*(Wd+1)+3
65
ns
4
TwAS
AS Low Pulse Width
Tck*Wa+TckH-5
27
ns
5
TdAz (DS)
Address Float to DS
00
ns
6
TwDS
DS Low Pulse Width
Tck*Wd+TckH-5
27
ns
7
TdDSR (DR)
DS
↓ to Data Valid Delay (read)
Tck*Wd+TckH+4
35
ns
8
ThDR (DS)
Data to DS
↑ Hold Time (read)
7
7
ns
9
TdDS (A)
DS
↑ to Address Active Delay
TckL+11
43
ns
10
TdDS (AS)
DS
↑ to AS ↓ Delay
TckL-4
28
ns
11
TsR/W (AS)
R/W Set-up Time before AS
Tck*Wa+TckH-17
15
ns
12
TdDSR (R/W)
DS
↑ to R/W and Address Not Valid Delay
TckL-1
31
ns
13
TdDW (DSW)
Write Data Valid to DS
↓ Delay
-16
-16
ns
14
TsD(DSW)
Write Data Set-up before DS
Tck*Wd+TckH-16
16
ns
15
ThDS (DW)
Data Hold Time after DS
↑ (write)
TckL-3
29
ns
16
TdA (DR)
Address Valid to Data Valid Delay (read)
Tck*(Wa+Wd+1)+TckH-7
86
ns
17
TdAs (DS)
AS
↑ to DS ↓ Delay
TckL-6
26
ns
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com