Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9293 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST9293
Description  48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9293 Datasheet(HTML) 1 Page - STMicroelectronics

  ST9293 Datasheet HTML 1Page - STMicroelectronics ST9293 Datasheet HTML 2Page - STMicroelectronics ST9293 Datasheet HTML 3Page - STMicroelectronics ST9293 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ST9293
FUNCTIONAL DESCRIPTION
®
This is Preliminary Data from SGS-THOMSON. Details are subject to change without notice.
May 1993
48K ROM HCMOS MCUs WITH
ON SCREEN DISPLAY AND A/D CONVERTER
Register oriented 8/16 bit CORE with
RUN, WFI and HALT modes
Minimum instruction cycle time: 500ns
(12MHz internal)
16 to 48K bytes of ROM,
256 to 768 bytes of RAM,
224 general purpose registers available as RAM,
accumulators or index registers (Register File)
42-lead Shrink DIP package
Interrupt handler and Serial Peripheral Interface
as standard features
31 fully programmable I/O pins
34 character x15 rows software programmable
On Screen Display module with colour, italic, un-
derline, flash, transparent and fringe attribute
options
16 bit Timer with 8 bit Prescaler, able to be used
as a Watchdog Timer
16-bit programmable Slice Timer with 8-bit pres-
caler
4 channel Analog to Digital Converter, with inte-
gral sample and hold, fast 5.75
µs conversion
time, 6-bit guaranteed resolution
Rich Instruction Set and 14 Addressing modes
Division-by-Zero trap generation
Versatile Development tools, including assembler,
linker, C-compiler, archiver, graphic oriented de-
bugger and hardware emulators
Real Time Operating System
Windowed EPROM parts available for prototyp-
ing and pre-production development phases
Device
ROM
RAM
PACKAGE
ST9293J7
48K
768
PSDIP42
ST9293J5
32K
640
PSDIP42
ST9293J3
24K
512
PSDIP42
ST9293J1
16K
256
PSDIP42
DEVICE SUMMARY
PSDIP42
(Ordering Information at the end of the Datasheet)
1/4


Similar Part No. - ST9293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9291J2 STMICROELECTRONICS-ST9291J2 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9291J3 STMICROELECTRONICS-ST9291J3 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9291J4 STMICROELECTRONICS-ST9291J4 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9291J5 STMICROELECTRONICS-ST9291J5 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
More results

Similar Description - ST9293

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6200L STMICROELECTRONICS-ST6200L Datasheet
85Kb / 10P
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER,AND 16 PINS
Rev. 1.0
ST6208L STMICROELECTRONICS-ST6208L Datasheet
86Kb / 10P
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 20 PINS
Rev. 1.0
ST6215L STMICROELECTRONICS-ST6215L Datasheet
84Kb / 10P
LOW VOLTAGE 8-BIT ROM MCUs WITH A/D CONVERTER AND 28 PINS
Rev. 1.0
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
Feb-1997
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
ST9291 STMICROELECTRONICS-ST9291 Datasheet
170Kb / 20P
16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
Jul-1995
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
May-1993
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.2
ST92185B STMICROELECTRONICS-ST92185B Datasheet
2Mb / 178P
16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
15-Mar-2000
ST92195D STMICROELECTRONICS-ST92195D Datasheet
2Mb / 249P
48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Oct-2003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com