Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST9293 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST9293
Description  48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9293 Datasheet(HTML) 3 Page - STMicroelectronics

  ST9293 Datasheet HTML 1Page - STMicroelectronics ST9293 Datasheet HTML 2Page - STMicroelectronics ST9293 Datasheet HTML 3Page - STMicroelectronics ST9293 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
I/O PORT
Name
Function
Alternate Function
Pin
Assignment
Port.bit
9293J
P0.0
I/O
12
P0.1
I/O
11
P0.2
I/O
10
P0.3
I/O
9
P0.4
I/O
8
P0.5
I/O
7
P0.6
I/O
6
P0.7
I/O
5
P2.0
INT6
I
External Interrupt 6
39
P2.1
INT7
I
External Interrupt 7
40
P2.2
INT0
I
External Interrupt 0
41
Table 1-1. ST9293 I/O Port Alternate Function Summary
1.2 PIN DESCRIPTION
VSYNC.
Vertical Synch. Vertical video synchroni-
sation input to OSD. Positive or negative polarity.
HSYNC.
Horizontal Synch. Horizontal video syn-
chronisation input to OSD. Positive or negative po-
larity.
PLLF.
PLL Filter input. Filter input for the OSD for
PLL feed-back.
PLLR.
PLL Resistor connection pin. For resistor
connection to select the PLL gain adjust.
RESET.
Reset (input, active low). The ST9 is ini-
tialised by the Reset signal. With the deactivation
of RESET, program execution begins from the Pro-
gram memory location pointed to by the vector
contained in program memory locations 00h and
01h.
OSCIN, OSCOUT.
Oscillator (input and output).
These pins connect a parallel-resonant crystal
(24MHz maximum), or an external source to the
on-chip clock oscillator and buffer. OSCIN is the in-
put of the oscillator inverter and internal clock gen-
erator; OSCOUT is the output of the oscillator
inverter.
AVDD. Analog VDD of PLL. This pin must be tied to
VDD externally to the ST9293.
VDD. Main Power Supply Voltage (5V
±10%)
VSS, VSS2. Digital Circuit Ground, these pins must
be connected together externally to the ST9293.
P0.0-P0.7,
P2.0-P2.7,
P3.3-P3.7,
P4.5-P4.7,
P5.0-P5.6
I/O Port Lines (Input/Output, TTL or
CMOS compatible). 31 lines grouped into I/O
ports, bit programmable under program control as
general purpose I/O or as Alternate functions (see
next section).
P3.3 and P3.4 are true 12V open drain outputs
when set in output mode.
1.2.1 I/O Port Alternate Functions.
Each pin of the I/O ports of the ST9293 may as-
sume software programmable Alternative Func-
tions as shown in the Pin Configuration Drawings.
Table 1 shows the Functions allocated to each I/O
Port pin.
®
ST9293
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com