Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652C4T1 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST72652C4T1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652C4T1 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST72652C4T1 Datasheet HTML 59Page - STMicroelectronics ST72652C4T1 Datasheet HTML 60Page - STMicroelectronics ST72652C4T1 Datasheet HTML 61Page - STMicroelectronics ST72652C4T1 Datasheet HTML 62Page - STMicroelectronics ST72652C4T1 Datasheet HTML 63Page - STMicroelectronics ST72652C4T1 Datasheet HTML 64Page - STMicroelectronics ST72652C4T1 Datasheet HTML 65Page - STMicroelectronics ST72652C4T1 Datasheet HTML 66Page - STMicroelectronics ST72652C4T1 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 166 page
background image
ST7265x
63/166
Data Transfer Coprocessor (Cont’d)
11.2.7 Interrupts
Note: The DTC interrupt events are connected to
the same interrupt vector (see Interrupts chapter).
They generate an interrupt if the corresponding
Enable Control Bit is set and the I-bit in the CC
register is reset (RIM instruction).
11.2.8 Register Description
DTC CONTROL REGISTER (DTCCR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:5 = Reserved. Must be left at reset value.
Bit 4 = ERREN
Error Interrupt Enable
This bit is set and cleared by software.
0: Error interrupt disabled
1: Error interrupt enabled
Bit 3 = STOPEN
Stop Interrupt Enable
This bit is set and cleared by software.
0: Stop interrupt disabled
1: Stop interrupt enabled
Bit 2 = LOAD
Load Enable
This bit is set and cleared by software. It can only
be set while RUN=0.
0: Write access to DTC RAM disabled
1: Write access DTC RAM enabled
Bit 1 = INIT
Initialization
This bit is set and cleared by software.
0: Do not copy DTCPR to DTC
1: Copy the DTCPR pointer to DTC
Bit 0 = RUN
START/STOP Control
This bit is set and cleared by software. It can only
be set while LOAD=0. It is also cleared by hard-
ware when STOP=1
0: Stop DTC
1: Start DTC
DTC STATUS REGISTER (DTCSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bit 7:2 = Reserved. Forced by hardware to 0.
Bit 1 = ERROR
Error Flag
This bit is set by hardware and cleared by software
reading this register.
0: No Error event occurred
1: Error event occurred (DTC is running)
Bit 0 = STOP
Stop Flag
This bit is set by hardware and cleared by software
reading this register.
0: No Stop event occurred
1: Stop event occurred (DTC terminated execution
at the current intruction)
DTC POINTER REGISTER (DTCPR)
Write Only
Reset Value: 0000 0000 (00h)
Bit 7:0 = PC[7:0]
Pointer Register.
This register is written by software. It gives the ad-
dress of an entry point in the protocol software that
has previously been loaded in the DTC RAM.
Note: To start executing the function, after writing
this address, set the INIT bit.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
Error
ERROR ERREN
Yes
No
Stop
STOP
STOPEN
Yes
No
70
000
ERR
EN
STOP
EN
LOAD
INIT
RUN
70
000000
ERROR
STOP
70
MSB
LSB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com