Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72652C4T1 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST72652C4T1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72652C4T1 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST72652C4T1 Datasheet HTML 62Page - STMicroelectronics ST72652C4T1 Datasheet HTML 63Page - STMicroelectronics ST72652C4T1 Datasheet HTML 64Page - STMicroelectronics ST72652C4T1 Datasheet HTML 65Page - STMicroelectronics ST72652C4T1 Datasheet HTML 66Page - STMicroelectronics ST72652C4T1 Datasheet HTML 67Page - STMicroelectronics ST72652C4T1 Datasheet HTML 68Page - STMicroelectronics ST72652C4T1 Datasheet HTML 69Page - STMicroelectronics ST72652C4T1 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 166 page
background image
ST7265x
66/166
USB INTERFACE (Cont’d)
USB Endpoint RAM Buffers
There are five bidirectional Endpoints including
one control Endpoint 0. Endpoint 1 and Endpoint 2
are counted as 4 bulk or interrupt Endpoints (two
IN and two OUT).
Endpoint 0 and Endpoint 1 are both 2 x 16 bytes in
size. Endpoint 2 is 2 x 64 bytes in size and can be
configured to physically target different USB Data
Buffer areas depending on the MOD[1:0] bits in
the CTLR register (see Figure 41, Figure 42 and
Figure 43).
The USB Data Buffer operates as a double buffer;
while one 512-byte block is being read/written by
the DTC, the USB interface reads/writes the other
512-byte block.
The management of the data transfer is performed
in upload and download mode (2 x 512 byte buff-
ers for Endpoint 2) by the USB Data Buffer Manag-
er.
Figure 41. Endpoint 2 Normal Mode selected by (MOD[1:0] Bits = 00h)
Figure 42. Endpoint 2 Download Mode selected by MOD[1:0] Bits = 10b
Endpoint 2 Buffer OUT
Endpoint 1 Buffer IN
Endpoint 1 Buffer OUT
Endpoint 0 Buffer IN
Endpoint 0 Buffer OUT
Endpoint 2 Buffer IN
16 Bytes
16 Bytes
16 Bytes
16 Bytes
64 Bytes
64 Bytes
1550h
155Fh
156Fh
157Fh
158Fh
15CFh
160Fh
USB DATA
USB DATA
USB DATA
USB DATA
USB DATA
512-byte buffer
as 64-byte slices
512-byte buffer
as 64-byte slices
64-byte buffer
1650h
1A4Fh
15CFh
Endpoint 2 Buffer IN
Endpoint 2 Buffer OUT
158Fh
1550h
Endpoint 1 Buffer OUT
Endpoint 1 Buffer IN
Endpoint 0 Buffer OUT
Endpoint 0 Buffer IN
1590h
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com