Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120V9Q Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST92F120V9Q
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9Q Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST92F120V9Q Datasheet HTML 37Page - STMicroelectronics ST92F120V9Q Datasheet HTML 38Page - STMicroelectronics ST92F120V9Q Datasheet HTML 39Page - STMicroelectronics ST92F120V9Q Datasheet HTML 40Page - STMicroelectronics ST92F120V9Q Datasheet HTML 41Page - STMicroelectronics ST92F120V9Q Datasheet HTML 42Page - STMicroelectronics ST92F120V9Q Datasheet HTML 43Page - STMicroelectronics ST92F120V9Q Datasheet HTML 44Page - STMicroelectronics ST92F120V9Q Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 320 page
background image
41/320
ST92F120 - DEVICE ARCHITECTURE
MMU REGISTERS (Cont’d)
2.7.2 CSR: Code Segment Register
This register selects the 64-Kbyte code segment
being used at run-time to access instructions. It
can also be used to access data if the spm instruc-
tion has been executed (or ldpp, ldpd, lddp).
Only the 6 LSBs of the CSR register are imple-
mented, and bits 6 and 7 are reserved. The CSR
register allows access to the entire memory space,
divided into 64 segments of 64 Kbytes.
To generate the 22-bit Program memory address,
the contents of the CSR register is directly used as
the 6 MSBs, and the 16-bit virtual address as the
16 LSBs.
Note: The CSR register should only be read and
not written for data operations (there are some ex-
ceptions which are documented in the following
paragraph). It is, however, modified either directly
by means of the jps and calls instructions, or
indirectly via the stack, by means of the rets in-
struction.
CODE SEGMENT REGISTER (CSR)
R244 - Read/Write
Register Page: 21
Reset value: 0000 0000 (00h)
Bit 7:6 = Reserved, keep in reset state.
Bit 5:0 = CSR_[5:0]: These bits define the 64-
Kbyte memory segment (among 64) which con-
tains the code being executed. These bits are
used as the most significant address bits (A21-16).
2.7.3 ISR: Interrupt Segment Register
INTERRUPT SEGMENT REGISTER (ISR)
R248 - Read/Write
Register Page: 21
Reset value: undefined
ISR and ENCSR bit (EMR2 register) are also de-
scribed in the chapter relating to Interrupts, please
refer to this description for further details.
Bit 7:6 = Reserved, keep in reset state.
Bit 5:0 = ISR_[5:0]: These bits define the 64-Kbyte
memory segment (among 64) which contains the
interrupt vector table and the code for interrupt
service routines and DMA transfers (when the PS
bit of the DAPR register is reset). These bits are
used as the most significant address bits (A21-16).
The ISR is used to extend the address space in
two cases:
– Whenever an interrupt occurs: ISR points to the
64-Kbyte memory segment containing the inter-
rupt vector table and the interrupt service routine
code. See also the Interrupts chapter.
– During DMA transactions between the peripheral
and memory when the PS bit of the DAPR regis-
ter is reset : ISR points to the 64 K-byte Memory
segment that will be involved in the DMA trans-
action.
2.7.4 DMASR: DMA Segment Register
DMA SEGMENT REGISTER (DMASR)
R249 - Read/Write
Register Page: 21
Reset value: undefined
Bit 7:6 = Reserved, keep in reset state.
Bit 5:0 = DMASR_[5:0]: These bits define the 64-
Kbyte Memory segment (among 64) used when a
DMA transaction is performed between the periph-
eral’s data register and Memory, with the PS bit of
the DAPR register set. These bits are used as the
most significant address bits (A21-16). If the PS bit
is reset, the ISR register is used to extend the ad-
dress.
70
00
CSR_
5
CSR_
4
CSR_
3
CSR_
2
CSR_
1
CSR_
0
70
0
0
ISR_5 ISR_4 ISR_3 ISR_2 ISR_1 ISR_0
70
00
DMA
SR_5
DMA
SR_4
DMA
SR_3
DMA
SR_2
DMA
SR_1
DMA
SR_0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com