Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92F120V9Q Datasheet(PDF) 46 Page - STMicroelectronics

Part # ST92F120V9Q
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9Q Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ST92F120V9Q Datasheet HTML 42Page - STMicroelectronics ST92F120V9Q Datasheet HTML 43Page - STMicroelectronics ST92F120V9Q Datasheet HTML 44Page - STMicroelectronics ST92F120V9Q Datasheet HTML 45Page - STMicroelectronics ST92F120V9Q Datasheet HTML 46Page - STMicroelectronics ST92F120V9Q Datasheet HTML 47Page - STMicroelectronics ST92F120V9Q Datasheet HTML 48Page - STMicroelectronics ST92F120V9Q Datasheet HTML 49Page - STMicroelectronics ST92F120V9Q Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 320 page
background image
46/320
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
FUNCTIONAL DESCRIPTION (Cont’d)
Table 9. Memory Structure for 36K Flash device
3.2.3 Operation
The memory has a register interface mapped in
memory space (segment 22h). All operations are
enabled through the FCR (Flash Control Register)
ECR (EEPROM Control Register).
All operations on the Flash must be executed from
another memory (internal RAM, EEPROM, exter-
nal memory).
Flash (including TestFlash) and EEPROM have
duplicated sense amplifiers, so that one can be
read while the other is written. However simultane-
ous Flash and EEPROM write operations are for-
bidden.
An interrupt can be generated at the end of a
Flash or an EEPROM write operation: this inter-
rupt is multiplexed with an external interrupt EX-
TINTx (device dependent) to generate an interrupt
INTx.
The status of a write operation inside the Flash
and the EEPROM memories can be monitored
through the FESR[1:0] registers.
Control and Status registers are mapped in mem-
ory (segment 22h), as shown in the following fig-
ure.
Figure 24. Control and Status Register Map.
During a write operation, if the power supply drops
or the RESET pin is activated, the write operation
is immediately interrupted. In this case the user
must repeat the last write operation following pow-
er on or reset.
Sector
Addresses
Max Size
TestFlash (TF) (Reserved)
230000h to 230F7Fh
3968 bytes
User OTP Area
231F80h to 230FFFh
128 bytes
Flash 0 (F0)
000000h to 000FFFh
4 Kbytes
Flash 1 (F1)
010000h to 013FFFh
16 Kbytes
Flash 2 (F2)
014000h to 015FFFh
8 Kbytes
Flash 3 (F3)
016000h to 017FFFh
8 Kbytes
Flash 4 / EEPROM 0 (F4/E0)
228000h to 2287FFh
2 Kbytes
Flash 5 / EEPROM 1 (F5/E1)
22C000h to 22C7FFh
2 Kbytes
Emulated EEPROM
220000h to 2201FFh
512 bytes
224000h
224001h
Register Interface
224002h
FCR
ECR
FESR0
FESR1
224003h
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com