Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA013 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 24Page - STMicroelectronics STA013 Datasheet HTML 25Page - STMicroelectronics STA013 Datasheet HTML 26Page - STMicroelectronics STA013 Datasheet HTML 27Page - STMicroelectronics STA013 Datasheet HTML 28Page - STMicroelectronics STA013 Datasheet HTML 29Page - STMicroelectronics STA013 Datasheet HTML 30Page - STMicroelectronics STA013 Datasheet HTML 31Page - STMicroelectronics STA013 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
The Ancillary Data extraction on STA013 can be
described as follow:
STA013 has a specific Ancillary Data buffer,
mapped into the I2C registers:
0x59
ANC_DATA_1
0x5A
ANC_DATA_2
0x5B
ANC_DATA_3
0x5C
ANC_DATA_4
0x5D
ANC_DATA_5
Since the content of Ancillary Data into an MPEG
Frame STA013 can extract is max. 56 bytes, a
specific register, to require the new 5 byte slot to
STA003 is needed.
This register is:
0x16
CMD_INTERRUPT
The interrupt register, is sensitive to any non-zero
value written by the Microcontroller. When this
register is updated the Ancillary Data buffer is
filled up with new values and the registers
0x41
ANCCOUNT_L
0x42
ANCCOUNT_H
are updated (decremented) accordingly.
5.3. I/O CELL DESCRIPTION
1) CMOS Tristate Output Pad Buffer, 4mA, with Slew Rate Control / Pin numbers 9, 10, 11, 20, 28
EN
A
D98AU904
Z
OUTPUT PIN
MAX LOAD
Z
100pF
2) CMOS Bidir Pad Buffer, 4mA, with Slew Rate Control / Pin numbers 3, 12
EN
A
D98AU905
ZI
IO
OUTPUT
PIN
CAPACITANCE
OUTPUT
PIN
MAX
LOAD
IO
5pF
IO
100pF
3) CMOS Inpud Pad Buffer / Pin numbers 4, 5, 6, 8, 21, 25
A
D98AU906
Z
INPUT PIN
CAPACITANCE
A
3.5pF
4) CMOS Inpud Pad Buffer with Active Pull-Up / Pin numbers 7, 24, 26
A
D98AU907
Z
INPUT PIN
CAPACITANCE
A
3.5pF
STA013 - STA013B - STA013T
28/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com