Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA013 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA013
Description  MPEG 2.5 LAYER III AUDIO DECODER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA013 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA013 Datasheet HTML 28Page - STMicroelectronics STA013 Datasheet HTML 29Page - STMicroelectronics STA013 Datasheet HTML 30Page - STMicroelectronics STA013 Datasheet HTML 31Page - STMicroelectronics STA013 Datasheet HTML 32Page - STMicroelectronics STA013 Datasheet HTML 33Page - STMicroelectronics STA013 Datasheet HTML 34Page - STMicroelectronics STA013 Datasheet HTML 35Page - STMicroelectronics STA013 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Table 5:
PLL Configuration Sequence For
10MHz Input Clock
256 Oversapling Clock
REGISTER
ADDRESS
NAME
VALUE
6
reserved
18
11
reserved
3
97
MFSDF (x)
15
80
MFSDF-441
16
101
PLLFRAC-H
169
82
PLLFRAC-441-H
49
100
PLLFRAC-L
42
81
PLLFRAC-441-L
60
5
PLLCTRL
161
Table 6:
PLL Configuration Sequence For
10MHz Input Clock
384 Oversapling Rathio
REGISTER
ADDRESS
NAME
VALUE
6
reserved
17
11
reserved
3
97
MFSDF (x)
9
80
MFSDF-441
10
101
PLLFRAC-H
110
82
PLLFRAC-441-H
160
100
PLLFRAC-L
152
81
PLLFRAC-441-L
186
5
PLLCTRL
161
Table 7:
PLL Configuration Sequence For
14.31818MHz Input Clock
256 Oversapling Rathio
REGISTER
ADDRESS
NAME
VALUE
6
reserved
12
11
reserved
3
97
MFSDF (x)
15
80
MFSDF-441
16
101
PLLFRAC-H
187
82
PLLFRAC-441-H
103
100
PLLFRAC-L
58
81
PLLFRAC-441-L
119
5
PLLCTRL
161
Table 8:
PLL Configuration Sequence For
14.31818MHz Input Clock
384 Oversapling Rathio
REGISTER
ADDRESS
NAME
VALUE
6
reserved
11
11
reserved
3
97
MFSDF (x)
6
80
MFSDF-441
7
101
PLLFRAC-H
3
82
PLLFRAC-441-H
157
100
PLLFRAC-L
211
81
PLLFRAC-441-L
157
5
PLLCTRL
161
STA013 - STA013B - STA013T
32/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com