Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA014 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA014
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA014 Datasheet HTML 8Page - STMicroelectronics STA014 Datasheet HTML 9Page - STMicroelectronics STA014 Datasheet HTML 10Page - STMicroelectronics STA014 Datasheet HTML 11Page - STMicroelectronics STA014 Datasheet HTML 12Page - STMicroelectronics STA014 Datasheet HTML 13Page - STMicroelectronics STA014 Datasheet HTML 14Page - STMicroelectronics STA014 Datasheet HTML 15Page - STMicroelectronics STA014 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
5 - I
2C BUS SPECIFICATION
The STA014 supports the I
2C protocol. This pro-
tocol defines any device that sends data on to the
bus as a transmitter and any device that reads
the data as a receiver. The device that controls
the data transfer is known as the master and the
others as the slave. The master always starts the
transfer and provides the serial clock for synchro-
nisation. The STA014 is always a slave device in
all its communications.
5. 1 - COMMUNICATION PROTOCOL
5.1.0 - Data transition or change
Data changes on the SDA line must only occur
when the SCL clock is low. SDA transition while
the clock is high are used to identify START or
STOP condition.
5.1.1 - Start condition
START is identified by a high to low transition of
the data bus SDA signal while the clock signal
SCL is stable in the high state.
A START condition must precede any command
for data transfer.
The following 4 figures (fig. 12, 13, 14, 15) show
the available connection diagrams as far as
ADPCM encoding function. As shown in the fig-
ures some configuration is not available in SO28
package.
SDI
GPSO_REQ
GPSO_SCKR
GPSO_DATA
SCKR
LRCKT
SCKT
SDO
OCLK
DATA_REQ
MCU
DAC
BIT_EN
I2C
D99AU1122A
TQFP44
LFBGA64
Figure 14. Input from BITSTREAM, Output from
GPSO
DATA_REQ
DATA_REQ
LRCK_ADC
SDI_ADC
SDO
LRCKT
SCKT
SCK_ADC
SDI_ADC
I2C
I2C
OCLK
MCU
ADC
SLAVE
MCU
ADC
MASTER
DAC
DAC
D99AU1123A
OCLK
SDO
SCKT
LRCKT
SO28
TQFP44
LFBGA64
SO28
TQFP44
LFBGA64
Figure 13. Input from ADC, Output from I2C +
IRQ
GPSO_SCKR
GPSO_REQ
LRCK_ADC
SCK_ADC
SDI_ADC
GPSO_DATA
MCU
ADC
MASTER
DAC
D99AU1124A
OCLK
SDO
SCKT
LRCKT
TQFP44
LFBGA64
Figure 15. Input from ADC, Output from GPSO
SDI
SCKR
LRCKT
SCKT
SDO
OCLK
DATA_REQ
MCU
DAC
BIT_EN
I2C
D99AU1121A
SO28
TQFP44
LFBGA64
Figure 12. Input from BITSTREAM, Output from
I2C
STA013 compatible mode
STA014-STA014B-STA014T
12/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com