Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA014 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STA014
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA014 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STA014 Datasheet HTML 37Page - STMicroelectronics STA014 Datasheet HTML 38Page - STMicroelectronics STA014 Datasheet HTML 39Page - STMicroelectronics STA014 Datasheet HTML 40Page - STMicroelectronics STA014 Datasheet HTML 41Page - STMicroelectronics STA014 Datasheet HTML 42Page - STMicroelectronics STA014 Datasheet HTML 43Page - STMicroelectronics STA014 Datasheet HTML 44Page - STMicroelectronics STA014 Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
5.6. STA014 CONFIGURATION FILE FORMAT
The STA014 Configuration File is an ASCII format. An example of the file format is the following:
58
1
42
4
128 15
............
It is a sequence of rows and each one can be interpreted as an I
2C command.
The first part of the row is the I
2C address (register) and the second one is the I2C data (value).
To download the STA014 configuration file into the device, a sequence of write operation to STA014 I
2C
interface must be performed.
The following program describes the I
2C routine to be implemented for the configuration driver:
STA014 Configuration Code (pseudo code)
download cfg - file
{
fopen (cfg_file);
fp:=1;
/*set file pointer to first row */
do {
I
2C_start_cond;
/* generate I
2C start condition for STA014 device address */
I
2C_write_dev_addr;
/* write STA014 device address
*/
I
2C_write_subaddress (fp); /* write subaddress
*/
I
2C_write_data (fp);
/* write data
*/
I
2C_stop_cond;
/* generate I
2C stop condition
*/
fp++;
/* update pointer to new file row
*/
}
while (!EDF)
/* repeat until End of File
*/
}
/* End routine
*/
42
4
I
2C REGISTER VALUE
I
2C SUB-ADDRESS
D98AU976
Note:1
STA014 is a device based on an integrated DSP core. Some of the I2C registers default values are loaded after an internal DSP boot operation.
The bootstrap time is 60 micro second. Only after this time lenght, the data in the register can be considered stable.
Note 2:
Refer also to the application note AN1250
STA014-STA014B-STA014T
41/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com