Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-1205CL Datasheet(PDF) 3 Page - CUI INC

Part # CT-1205CL
Description  Magnetic buzzer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CT-1205CL Datasheet(HTML) 3 Page - CUI INC

  CT-1205CL Datasheet HTML 1Page - CUI INC CT-1205CL Datasheet HTML 2Page - CUI INC CT-1205CL Datasheet HTML 3Page - CUI INC CT-1205CL Datasheet HTML 4Page - CUI INC CT-1205CL Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
rev.
page
date
DESCRIPTION: magnetic buzzer
A
3 of 5
02/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CT-1205CL
ENVIRONMENT TEST
item
test condition
high temp. test
After being placed in a chamber at +85°C for
96 hours.
low temp. test
After being placed in a chamber at -40°C for
96 hours.
thermal shock
The part shall be subjected to 10 cycles. One
cycle will consist of:
temp. cycle test
The part shall be subjected to 10 cycles. One
cycle will last 24 hours and will consist of:
evaluation standard
After the test, the part will meet
specifications without any
damage in appearance except
SPL. After 4 hours at 25°C, SPL
should be within ±10% of the
initial measurements.
MECHANICAL CHARACTERISTICS
item
test condition
solderability
Lead terminals are immersed in solder bath
of 270 ±5°C for 3 ±1 seconds.
soldering heat resistance
The product should follow the reflow
temperature curve to test its reflow thermo
stability.
terminal mechanical strength
For 10 seconds, the force of 9.8N (1.0kg) is
applied to each terminal in axial direction.
vibration
The buzzer will be measured after applying
a vibration amplitude of 1.5 mm with 10 to
55 Hz band of vibration frequency to each of
the 3 perpendicular directions for 2 hours.
drop test
The part will be dropped from a height of
75 cm onto a 40 mm thick wooden board 3
times in 3 axes (X, Y, Z) for a total of 9 drops.
evaluation standard
95% of the surface of the lead
pads will be wet with solder.
No interference in operation.
No damage or cutting off.
After the test, the part will meet
specifications without any
damage in appearance and the
SPL should be within ±10% of the
i initial measurements.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com