Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-1205CL Datasheet(PDF) 4 Page - CUI INC

Part # CT-1205CL
Description  Magnetic buzzer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CT-1205CL Datasheet(HTML) 4 Page - CUI INC

  CT-1205CL Datasheet HTML 1Page - CUI INC CT-1205CL Datasheet HTML 2Page - CUI INC CT-1205CL Datasheet HTML 3Page - CUI INC CT-1205CL Datasheet HTML 4Page - CUI INC CT-1205CL Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
rev.
page
date
DESCRIPTION: magnetic buzzer
A
4 of 5
02/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2383
PART NUMBER: CT-1205CL
RELIABILITY TEST
item
test condition
operating (life test)
1. Continuous life test:
The part will be subjected to 72 hours of
continuous operation at +55°C with
5 V applied.
2. Intermittent life test:
A duty cycle of 1 minute on, 1 minute off, a
minimum of 10,000 times at room temp
(+25 ±10°C) with 5 V dc applied.
evaluation standard
After the test, the part will meet
specifications without any
damage in appearance except
SPL. After 4 hours at 25°C, SPL
should be within ±10% of the
initial measurements.
TEST CONDITIONS
standard test condition
a) temperature: +5 ~ +35°C
b) humidity: 45 - 85%
c) pressure: 860-1060 mbar
judgement test condition
a) temperature: +25 ±2°C
b) humidity: 60 - 70%
c) pressure: 860-1060 mbar
RECOMMENDED TEMPERATURE PROFILE FOR REFLOW OVEN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com