Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSCQ20 Datasheet(PDF) 2 Page - CUI INC

Part # VSCQ20
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSCQ20 Datasheet(HTML) 2 Page - CUI INC

  VSCQ20 Datasheet HTML 1Page - CUI INC VSCQ20 Datasheet HTML 2Page - CUI INC VSCQ20 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION:
DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VSCQ20 series
NOTES:
1. measured from high line to low line
2. measured from full load to 1/4 load
3. remote on/off control:
logic compatibility CMOS or open collector TTL
EC-ON
>+5.5VDC or open circuit
EC-OFF
<1.8VDC
control common
referenced to input minus
GENERAL SPECIFICATIONS
efficiency
see table
isolation voltage
1500VDC min.
isolation resistance
108 ohms min
switching frequency
300KHz, type
operating temperature range
-25°C to +71°C
derating, above 60°C
linearly to zero power at +100°C
case temperature
100°C max.
storage temperature
-55°C to +105°C
EMI/RFI
six sided continuous shield
dimensions
2.0x1.6x0.45 inches
(50.8x40.64x11.43mm)
case material
black coated copper with non-conductive base
INPUT
input voltage range
24V
9-36V
48V
18-72V
input filter type
PI type
positive logic remote on/off control
see note 3
OUTPUT
voltage accuracy single output
±1.0% max.
voltage accuracy dual+output
±1.0% max.
voltage accuracy dual-output
±2.0% max.
voltage balance, dual output at full load
±1.0% max.
transient response
single 25% step load change
<500µ sec.
dual-FL 1/2L±1% error band
<500µ sec.
ripple & noise
20MHz BW,
20mV RMS., max
75mV p-p, max
temperature coefficient
±0.02%/°C
short circuit protection
continuous
Safety
approved to UL60950-1 (E222736)
line regulation1
single/dual output
±0.5% max
load regulation2
single/dual output
±0.5% max



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com