Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSCQ20 Datasheet(PDF) 1 Page - CUI INC

Part # VSCQ20
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSCQ20 Datasheet(HTML) 1 Page - CUI INC

  VSCQ20 Datasheet HTML 1Page - CUI INC VSCQ20 Datasheet HTML 2Page - CUI INC VSCQ20 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION:
DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VSCQ20 series
features
·
20W isolated output
·efficiency to 84%
·4:1 input range
·continuous short circuit protection
·remote on/off control
·Pi input filter
model
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
VSCQ20-Q24-S5
9-36VDC
5VDC
4000mA
15mA
1029mA
81%
VSCQ20-Q24-S12
9-36VDC
12VDC
1670mA
15mA
1006mA
83%
VSCQ20-Q24-S12
9-36VDC
15VDC
1330mA
15mA
1004mA
83%
VSCQ20-Q24-D12
9-36VDC
±12VDC
±833mA
20mA
1004mA
83%
VSCQ20-Q24-D15
9-36VDC
±15VDC
±666mA
20mA
1004mA
83%
VSCQ20-Q24-D5
9-36VDC
±5VDC
±2000mA
20mA
1004mA
83%
VSCQ20-Q24-S3R3
9-36VDC
3.3VDC
4000mA
15mA
705mA
78%
VSCQ20-Q48-S5
18-72VDC
5VDC
4000mA
10mA
508mA
82%
VSCQ20-Q48-S12
18-72VDC
12VDC
1670mA
10mA
497mA
84%
VSCQ20-Q48-S15
18-72VDC
15VDC
1330mA
10mA
496mA
84%
VSCQ20-Q48-D12
18-72VDC
±12VDC
±833mA
15mA
496mA
84%
VSCQ20-Q48-D15
18-72VDC
±15VDC
±666mA
15mA
496mA
84%
VSCQ20-Q48-D5
18-72VDC
±5VDC
±2000mA
15mA
496mA
84%
VSCQ20-Q48-S3R3
18-72VDC
3.3VDC
4000mA
10mA
353mA
78%


Similar Part No. - VSCQ20

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VSCQ30-Q24-S12 CUI-VSCQ30-Q24-S12 Datasheet
234Kb / 3P
DC/DC converter
VSCQ30-Q24-S12-T CUI-VSCQ30-Q24-S12-T Datasheet
283Kb / 3P
screw terminal DC/DC converter
VSCQ30-Q24-S15 CUI-VSCQ30-Q24-S15 Datasheet
234Kb / 3P
DC/DC converter
VSCQ30-Q24-S15-T CUI-VSCQ30-Q24-S15-T Datasheet
283Kb / 3P
screw terminal DC/DC converter
More results

Similar Description - VSCQ20

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com