Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSCQ30 Datasheet(PDF) 3 Page - CUI INC

Part # VSCQ30
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSCQ30 Datasheet(HTML) 3 Page - CUI INC

  VSCQ30 Datasheet HTML 1Page - CUI INC VSCQ30 Datasheet HTML 2Page - CUI INC VSCQ30 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
7.62
17.78
5.08
15.24
12.70
2.54
17.78
Bottom View
units: mm
tolerance:
x.xx ±0.0
x.xx ±0.25
5.6
1.02
(TYP)
10.2
45.72
50.8
40.6
rev.
page
date
DESCRIPTION: DC/DC converter
3 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VSCQ30 series
DIMENSIONS-(mm)
Typical Derating curve for Natural Convection
100
-40
60
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
2040
6080
100
Ambient Temperature(oC)
Natural
Convection
EXTERNAL OUTPUT TRIM
10K Ohms
+Vout
TRIM
-Vout
+Vout
TRIM
-Vout
TRIMPOT
TRIM UP
TRIM DOWN
DERATING CURVE
8
no pin
7+Vout
6-Vout
5Trim
4
+Vin
3
pin
1
PIN CONNECTIONS
-Vin
on/off control
function



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com