Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSCQ30 Datasheet(PDF) 1 Page - CUI INC

Part # VSCQ30
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VSCQ30 Datasheet(HTML) 1 Page - CUI INC

  VSCQ30 Datasheet HTML 1Page - CUI INC VSCQ30 Datasheet HTML 2Page - CUI INC VSCQ30 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VSCQ30 series
features
·
20-30W isolated output
·high efficiency to 91%
·fixed 300KHz switching frequency
·4:1 wide input range
·regulated outputs
·continuous short circuit protection
·six-sided metal case
·2”x1.6” size
·industry standard pin-out
model
input
output
output current
input current
number
voltage1
voltage
min.
max.
no load
full load
efficiency
VSCQ30-Q24-S3R3
9-36VDC
3.3VDC
0mA
7500mA
50mA
1185mA
87%
VSCQ30-Q24-S5
9-36VDC
5VDC
0mA
6000mA
60mA
1404mA
89%
VSCQ30-Q24-S12
9-36VDC
12VDC
0mA
2500mA
80mA
1374mA
91%
VSCQ30-Q24-S15
9-36VDC
15VDC
0mA
2000mA
50mA
1389mA
90%
VSCQ30-Q48-S3R3
18-75VDC
3.3VDC
0mA
7500mA
30mA
579mA
89%
VSCQ30-Q48-S5
18-75VDC
5VDC
0mA
6000mA
30mA
694mA
90%
VSCQ30-Q48-S12
18-75VDC
12VDC
0mA
2500mA
40mA
687mA
91%
VSCQ30-Q48-S15
18-75VDC
15VDC
0mA
2000mA
50mA
694mA
90%
NOTE:
1. nominal input voltage 24, 48 VDC
INPUT
input voltage range
24V
9-36V
48V
18-75V
under voltage lockout
24Vin power up
8.8V typ.
24Vin power down
8.0V typ.
48Vin power up
17V typ.
48Vin power down
16V typ.
input filter type
PI type
positive logic remote on/off control
see note 3&4


Similar Part No. - VSCQ30

ManufacturerPart #DatasheetDescription
logo
CUI INC
VSCQ30-Q24-S12-T CUI-VSCQ30-Q24-S12-T Datasheet
283Kb / 3P
screw terminal DC/DC converter
VSCQ30-Q24-S15-T CUI-VSCQ30-Q24-S15-T Datasheet
283Kb / 3P
screw terminal DC/DC converter
VSCQ30-Q24-S3R3-T CUI-VSCQ30-Q24-S3R3-T Datasheet
283Kb / 3P
screw terminal DC/DC converter
VSCQ30-Q24-S5-T CUI-VSCQ30-Q24-S5-T Datasheet
283Kb / 3P
screw terminal DC/DC converter
VSCQ30-Q48-S12-T CUI-VSCQ30-Q48-S12-T Datasheet
283Kb / 3P
screw terminal DC/DC converter
More results

Similar Description - VSCQ30

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
VWRBS2-SIP CUI-VWRBS2-SIP Datasheet
109Kb / 3P
dc/dc converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com