Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT3XAAM Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT3XAAM
Description  Composite Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT3XAAM Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT3XAAM Datasheet HTML 1Page - Isahaya Electronics Corporation RT3XAAM Datasheet HTML 2Page - Isahaya Electronics Corporation RT3XAAM Datasheet HTML 3Page - Isahaya Electronics Corporation RT3XAAM Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RT3XAAM
Composite Transistor
For Muting Application
Silicon NPN Epitaxial Type
TYPICAL CHARACTERISTICS (Tr1、Tr2)
Electrical characteristics(Ta=25℃)
Limits
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
V
CBO
Collector-base breakdown voltage
IC=50μA , IE=0mA
40
V
VEBO
Emitter-base breakdown voltage
IE=50μA , C=0mA
40
V
VCEO
Collector-emitter breakdown voltage
IC=1mA , RBE=∞
20
V
ICBO
Collector cutoff current
VCB=40V , IE=0mA
0.5
μA
IEBO
Emitter cutoff current
V
EB=40V , IC=0mA
0.5
μA
hFE
DC current transfer ratio
VCE=5V , IC=-10mA
820
2500
-
VCE(sat)
Collector-emitter saturation voltage
IC=10mA , IB=0.5mA
10
mV
R1
Input resistance
-
3.29
4.7
6.11
KΩ
fT
Transition frequency
V
CE=10V, I E=-10mA, f=100MHz
38
MHz
Ron
Output On-resistance
V
I=5V, f=1MHz
0.80
Ω
ISAHAYA ELECTRONICS CORPORATION
Input on voltage - collector current
0.1
1
10
100
0.1
1
10
100
1000
collector current IC (mA)
Ta=25℃
VCE=0.2V
collector current - Input on voltage
10
100
1000
0
0.2
0.4
0.6
0.8
1
Input off voltage VI(OFF) (V)
Ta=25℃
VCE=5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com