Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7221AIM Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7221AIM
Description  Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7221AIM Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC7221AIM Datasheet HTML 4Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 5Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 6Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 7Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 8Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 9Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 10Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 11Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Application Information (Continued)
Direct Sensor Interfacing
The wide input voltage range and high impedance of the
LMC7221 may make it possible to directly interface to a
sensor without the use of amplifiers or bias circuits. In cir-
cuits with sensors which can produce outputs in the tens to
hundreds of millivolts, the LMC7221 can compare the sensor
signal with an appropriately small reference voltage. This
may be done close to ground or the positive supply rail.
Direct sensor interfacing may eliminate the need for an
amplifier for the sensor signal. Eliminating the amplifier can
save cost, space, and design time.
2.0 LOW VOLTAGE OPERATION
Comparators are the common devices by which analog sig-
nals interface with digital circuits. The LMC7221 has been
designed to operate at supply voltages of 2.7V without sac-
rificing performance to meet the demands of 3V digital sys-
tems.
At supply voltages of 2.7V, the common-mode voltage range
extends 200 mV (guaranteed) below the negative supply.
This feature, in addition to the comparator being able to
sense signals near the positive rail, is extremely useful in low
voltage applications.
At V
+ = 2.7V propagation delays are t
PLH =4µsand tPHL =
4 µs with overdrives of 100 mV.
Please refer to the performance curves for more extensive
characterization.
3.0 OPEN DRAIN OUTPUT
Figure 2 shows the difference between push-pull output and
open drain output.
Push pull outputs will have a conventional high or low digital
output, the same as a logic gate. Low will be the negative
supply rail (usually ground) and high will be the positive
supply rail.
This is useful if the chips you are interfacing to run on the
same supply voltage as the comparator. An example would
be an all +5V system.
Open drain outputs will only pull low — for the high output
they depend on an external pull-up resistor. This can pull up
to a voltage higher or lower than the comparator supply
voltage. This voltage can be as high as 15V. This makes the
open drain parts useful in mixed voltage systems. An ex-
ample would be where the comparator runs at 5V and the
logic circuits are at 3.3V. The pull-up resistor would go to the
3.3V supply.
Open drain outputs are the CMOS equivalent of open col-
lector outputs.
01234616
FIGURE 1. Even at Low-Supply Voltage of 2.7V, an
Input Signal which Exceeds the Supply Voltages
Produces No Phase Inversion at the Output
Output Stage
01234617
01234621
FIGURE 2.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com