Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7221AIM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7221AIM
Description  Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7221AIM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC7221AIM Datasheet HTML 1Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 2Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 3Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 4Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 5Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 6Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 7Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 8Page - National Semiconductor (TI) LMC7221AIM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LMC7221
Tiny CMOS Comparator with Rail-To-Rail Input and Open
Drain Output
General Description
The LM7221 is a micropower CMOS comparator available in
the space saving 5-Pin SOT23 package. This makes this
comparator ideal for space and weight critical designs. The
LMC7221 is also available in the 8-Pin SOIC package. The
LMC7221 is supplied in two offset voltage grades, 5 mV and
15 mV.
The open drain output can be pulled up with a resistor to a
voltage which can be higher or lower than the supply
voltage — this makes the part useful for mixed voltage sys-
tems.
For a tiny comparator with a push-pull output, please see the
LMC7211 datasheet.
Features
n
Tiny 5-Pin SOT23 package saves space
n
Package is less than 1.43 mm thick
n
Guaranteed specs at 2.7V, 5V, 15V supplies
n
Typical supply current 7 µA at 5V
n
Response time of 4 µs at 5V
n
LMC7221 — open drain output
n
Input common-mode range beyond V
− and V+
n
Low input current
Applications
n
Mixed voltage battery powered products
n
Notebooks and PDAs
n
PCMCIA cards
n
Mobile communications
n
Alarm and security circuits
n
Driving low current LEDs
n
Direct sensor interface
Connection Diagrams
8-Pin SOIC
01234601
Top View
5-Pin SOT23
01234602
Top View
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
8-Pin SOIC
LMC7221AIM
LMC7221AIM
95 Units/Rail
M08A
LMC7221AIMX
2.5k Units Tape and Reel
LMC7221BIM
LMC7221BIM
95 Units/Rail
LMC7221BIMX
2.5k Units Tape and Reel
5-Pin SOT23
LMC7221AIM5
C01A
1k Units Tape and Reel
MF05A
LMC7221AIM5X
3k Units Tape and Reel
LMC7221BIM5
C01B
1k Units Tape and Reel
LMC7221BIM5X
3k Units Tape and Reel
September 2006
© 2006 National Semiconductor Corporation
DS012346
www.national.com


Similar Part No. - LMC7221AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7221AIM NSC-LMC7221AIM Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7221AIM TI1-LMC7221AIM Datasheet
1Mb / 20P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM TI1-LMC7221AIM Datasheet
1Mb / 21P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM/NOPB TI1-LMC7221AIM/NOPB Datasheet
1Mb / 20P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM/NOPB TI2-LMC7221AIM/NOPB Datasheet
879Kb / 24P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
REVISED MARCH 2013
More results

Similar Description - LMC7221AIM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 TI1-LMC7221_14 Datasheet
1Mb / 21P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com