Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB7101 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB7101
Description  0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7101 Datasheet(HTML) 2 Page - STMicroelectronics

  STB7101 Datasheet HTML 1Page - STMicroelectronics STB7101 Datasheet HTML 2Page - STMicroelectronics STB7101 Datasheet HTML 3Page - STMicroelectronics STB7101 Datasheet HTML 4Page - STMicroelectronics STB7101 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STB7101
2/5
ELECTRICAL CHARACTERISTICS (Ta = +25
oC, Vcc = 2.75V, ZL = Zs = 50Ω, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vcc
Supply voltage
2.6
2.75
3.3
V
Icc
Circuit current
No signal
28
mA
Gp
Power Gain
f = 0.9GHz
f = 1.9GHz
20.3
20.5
dB
NF
Noise figure
f = 0.9GHz
f = 1.9GHz
5
4.5
dB
P1dB
Output 1dB Compr.
Power
f = 0.9GHz
f = 1.9GHz
9.8
7.5
dBm
RLIN
Input return loss
f = 0.9GHz
f = 1.9GHz
8
6.2
dB
RLOUT
Output Return loss
f = 0.9GHz
f = 1.9GHz
9.7
9.7
dB
S12
Isolation
f = 0.9GHz
f = 1.9GHz
-34
-33
dB
Po(Sat)
Saturated output power
level
f = 0.9GHz
f = 1.9GHz
11.3
9.7
dBm
OIP3
Output Third Order
Intercept
f = 0.9GHz
f = 1.9GHz
16.5
14.9
dBm
TYPICAL EVALUATION CIRCUIT
Evaluation circuit components
C1 = C2 = C3 = 27pF
C4 = 10nF
L1 = 15nH
L2 = 33nH
GND
3
GND
2
INPUT
1
Vcc
6
GND
5
OUTPUT
4
U1
STB7101
C1
27p
J1
RF IN
L1
15n
C2
27p
J2
RF OUT
L2
33 n
C3
27p
C4
10n
VCC (+2.75V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com