Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB7101 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB7101
Description  0.9/1.9GHz BROAD BAND PRE-POWER AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB7101 Datasheet(HTML) 3 Page - STMicroelectronics

  STB7101 Datasheet HTML 1Page - STMicroelectronics STB7101 Datasheet HTML 2Page - STMicroelectronics STB7101 Datasheet HTML 3Page - STMicroelectronics STB7101 Datasheet HTML 4Page - STMicroelectronics STB7101 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
STB7101
Insertion Power Gain versus Frequency
800
1000
1200
1400
1600
1800
2000
Frequency (MHz)
6
8
10
12
14
16
18
20
22
24
Noise Figure versus Frequency
800
1000
1200
1400
1600
1800
2000
Frequency (MHz)
3
4
5
6
7
Power Gain versus Output Power @ 1900 MHz
-10
-8
-6
-4
-2
0246
8
10
0
Output Power (dBm)
6
8
10
12
14
16
18
20
22
24
Isolation versus Frequency
800
1000
1200
1400
1600
1800
2000
Frequency (MHz)
-50
-40
-30
-20
-10
0
Circuit Current versus Supply Voltage
0
0.5
1
1.5
2
2.5
3
3.5
0
Vcc (V)
-5
0
5
10
15
20
25
30
35
40
Power Gain versus Output Power @ 900 MHz
-10 -8
-6
-4
-2
0
2
4
6
8
10
12
0
Output Power (dBm)
6
8
10
12
14
16
18
20
22
24
TYPICAL PERFORMANCE (Ta = +25
oC, Vcc = 2.75V, unless otherwise specified)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com