Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9172F-15GT Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9172F-15GT
Description  3A Fixed Output Voltage LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172F-15GT Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9172F-15GT Datasheet HTML 4Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 5Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 6Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 7Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 8Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 9Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 10Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 11Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
RT9172
8
DS9172-15 April 2008
www.richtek.com
PSRR
-55
-50
-45
-40
-35
-30
-25
-20
-15
Frequency (Hz)
VOUT = 2.5V
COUT = 10uF (Electrolytic)
ILOAD = 10mA
ILOAD = 100mA
10
100
1K
10K
100K
1M
Load Regulation Deviation
-0.15
-0.12
-0.09
-0.06
-0.03
0.00
-35
-15
5
25
45
65
85
105
125
Temperature
(°C)
VOUT = 2.5V
CIN = 1uF (Ceramic)
COUT = 10uF (Tantalum)
ILOAD = 10mA
Range of Stable ESR Values
0.01
0.1
1
10
100
00.511.5
22.5
3
Output Current (A)
CIN = 1uF (MLCC)
COUT = 10uF (MLCC)
Stable Region
Reqion of Instability
Line Transient Response
Time (ms)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
3.5
4.5
5.5
0
20
40
CIN = 1uF (Ceramic)
VOUT = 2.5V
TA = 25°C
≈
≈
COUT = 10uF (Tantalum)
ILOAD = 100mA
Line Transient Response
Time (ms)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
3.5
4.5
5.5
0
20
40
CIN = 1uF (Ceramic)
VOUT = 2.5V
TA = 25°C
≈
≈
COUT = 10uF (Electrolytic)
ILOAD = 100mA
EN Pin Shutdown Response
Time (ms)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
0
1
2
VOUT = 1.8V
CIN = 1uF (Ceramic)
COUT = 10uF (Tantalum)
ILOAD = 100mA
TA = 25°C
≈
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com