Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9172F-15GT Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9172F-15GT
Description  3A Fixed Output Voltage LDO Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172F-15GT Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9172F-15GT Datasheet HTML 1Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 2Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 3Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 4Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 5Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 6Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 7Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 8Page - Richtek Technology Corporation RT9172F-15GT Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RT9172
1
DS9172-15 April 2008
www.richtek.com
Features
Low Dropout Voltage
Low Ground Pin Current
Load Regulation of 0.4% at 3A
0.5mA Quiescent Current in Shutdown Mode
Guaranteed Output Current of 3A DC
Available in TO-263 and TO-220 Packages
Output Voltage Accuracy
±±±±±1.5%
Error Flag Indicates Output Status
Sense Option Improves Better Load Regulation
Extremely Low Output Capacitor Requirements
Over-Temperature/Over- Current Protection
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
Applications
Microprocessor Power Supplies
GTL, GTL+, BTL, and SSTL Bus Terminators
Power Supplies for DSPs
SCSI Terminator
Post Regulators
High Efficiency Linear Regulators
Battery Chargers
Other Battery Powered Applications
3A Fixed Output Voltage LDO Regulator
Ordering Information
General Description
The RT9172 series of low-dropout linear regulators operate
from a +2.25V to +6.0V input supply. A wide range of preset
output voltage options is available. These low dropout linear
regulators respond very fast to step changes in load, which
are suitable for low voltage microprocessor applications.
The RT9172 uses an internal PMOS as the pass device,
which does not cause extra GND current in heavy load
and dropout condition. The shutdown mode of low operation
current makes the IC suitable for power-saving systems.
The other features include current limiting and over
temperature protection.
(TOP VIEW)
23
1
VIN GND
(TAB)
VOUT
TO-263
2
3
45
6
7
8
VOUT
SENSE
GND
NC
VIN
GND
GND
EN
SOP-8
TO-220
23
1
VIN GND
(TAB)
VOUT
SOT-223
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100%matte tin (Sn) plating.
RT9172
Package Type
T5 : TO-220-5
M5 : TO-263-5
T : TO-220
M : TO-263
G : SOT-223
S : SOP-8
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
15 : 1.5V
16 : 1.6V
:
32 : 3.2V
33 : 3.3V
-
S : Pin Out Exchange
N : Pin 5 bond SENSE
F : Pin 5 bond FLG


Similar Part No. - RT9172F-15GT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172F-15GT RICHTEK-RT9172F-15GT Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
RT9172F-15GT5 RICHTEK-RT9172F-15GT5 Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
More results

Similar Description - RT9172F-15GT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
List of Unclassifed Man...
RT9168 ETC-RT9168 Datasheet
236Kb / 13P
200MA / 500MA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Richtek Technology Corp...
RT9168 RICHTEK-RT9168 Datasheet
155Kb / 11P
200mA/500mA Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
3A Fixed Output Voltage LDO Regulator
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
Bipolar 3A LDO Voltage regulator
logo
Advanced Monolithic Sys...
AMS1085 AMS-AMS1085 Datasheet
2Mb / 11P
3A LDO VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5142 ANAREN-MSK5142 Datasheet
424Kb / 9P
3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
MSK5144 ANAREN-MSK5144 Datasheet
373Kb / 7P
3A LOW NOISE, FIXED OUTPUT LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com