Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC08IE150HV Datasheet(PDF) 3 Page - STMicroelectronics

Part # STC08IE150HV
Description  Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08IE150HV Datasheet(HTML) 3 Page - STMicroelectronics

  STC08IE150HV Datasheet HTML 1Page - STMicroelectronics STC08IE150HV Datasheet HTML 2Page - STMicroelectronics STC08IE150HV Datasheet HTML 3Page - STMicroelectronics STC08IE150HV Datasheet HTML 4Page - STMicroelectronics STC08IE150HV Datasheet HTML 5Page - STMicroelectronics STC08IE150HV Datasheet HTML 6Page - STMicroelectronics STC08IE150HV Datasheet HTML 7Page - STMicroelectronics STC08IE150HV Datasheet HTML 8Page - STMicroelectronics STC08IE150HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STC08IE150HV
Electrical ratings
3/11
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCS(SS) Collector-source voltage (VBS =VGS =0)
1500
V
VBS(OS) Base-source voltage (IC =0, VGS =0)
30
V
VSB(OS) Source-base voltage (IC =0, VGS =0)
17
V
VGS
Gate-source voltage
± 17
V
IC
Collector current
8
A
ICM
Collector peak current (tP < 1 ms)
24
A
IB
Base current
8
A
IBM
Base peak current (tP < 1 ms)
12
A
Ptot
Total dissipation at Tc ≤ 25°C
208
W
Tstg
Storage temperature
-40 to 150
°C
TJ
Max. operating junction temperature
125
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case
max
0.6
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com