Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC08IE150HV Datasheet(PDF) 4 Page - STMicroelectronics

Part # STC08IE150HV
Description  Emitter switched bipolar transistor ESBT 1500V - 8A - 0.08?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC08IE150HV Datasheet(HTML) 4 Page - STMicroelectronics

  STC08IE150HV Datasheet HTML 1Page - STMicroelectronics STC08IE150HV Datasheet HTML 2Page - STMicroelectronics STC08IE150HV Datasheet HTML 3Page - STMicroelectronics STC08IE150HV Datasheet HTML 4Page - STMicroelectronics STC08IE150HV Datasheet HTML 5Page - STMicroelectronics STC08IE150HV Datasheet HTML 6Page - STMicroelectronics STC08IE150HV Datasheet HTML 7Page - STMicroelectronics STC08IE150HV Datasheet HTML 8Page - STMicroelectronics STC08IE150HV Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STC08IE150HV
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICS(SS)
Collector-source cut-off
current (VBS =VGS =0)
VCS =1500 V
100
µA
IBS(OS)
Base-source cut-off
current (IC =0, VGS =0)
VBS =30 V
10
µA
ISB(OS)
Source-base cut-off
current (IC =0, VGS =0)
VSB =17 V
100
µA
IGS(OS)
Gate-source cut-off
current (IC=0; VBS =0)
VGS = ± 17 V
100
nA
VCS(ON)
Collector-source on
voltage
VGS =10 V IC =3 A IB =0.3 A
VGS =10 V IC =8 A IB =1.6 A
0.3
0.65
1.2
1.5
V
V
hFE
DC current gain
VGS =10 V VCS =1 V IC =3 A
VGS =10 V VCS =1 V IC =8 A
9
4.5
14
6.8
VBS(ON)
Base-source on voltage
VGS =10 V IC =3 A IB =0.3 A
VGS =10 V IC =8 A IB =1.6 A
1
1.7
1.5
2
V
V
VGS(th)
Gate threshold voltage
VBS =VGS
IB =250 µA
23
4
V
Ciss
Input capacitance
VCS =25 V
f =1 MHz
VGS=VCB=0
810
pF
QGS(tot)
Gate-source charge
VCS=25 V
VGS=10 V
VCB=0
IC =4 A
45
nC
ts
tf
Inductive load
Storage time
Fall time
VGS =10 V
RG =4.7 Ω
Vclamp =1200V
tp =4 µs
IC =4 A
IB =0.8 A
690
10
ns
ns
ts
tf
Inductive load
Storage time
Fall time
VGS =10 V
RG =4.7 Ω
Vclamp =1200 V
tp =4 µs
IC =4 A
IB =0.4 A
340
10
ns
ns
VCS(dyn)
Collector-source
dynamic voltage
(500 ns)
VCC =Vclamp =600 V
VGS =10 V
IC =2 A
IB = 0.4 A
RG =4.7 Ω
t(peak) =500 ns
IB(peak) =4 A
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com