Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD8NC60KD Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGD8NC60KD
Description  600 V - 8 A - short circuit rugged IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD8NC60KD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGD8NC60KD Datasheet HTML 6Page - STMicroelectronics STGD8NC60KD Datasheet HTML 7Page - STMicroelectronics STGD8NC60KD Datasheet HTML 8Page - STMicroelectronics STGD8NC60KD Datasheet HTML 9Page - STMicroelectronics STGD8NC60KD Datasheet HTML 10Page - STMicroelectronics STGD8NC60KD Datasheet HTML 11Page - STMicroelectronics STGD8NC60KD Datasheet HTML 12Page - STMicroelectronics STGD8NC60KD Datasheet HTML 13Page - STMicroelectronics STGD8NC60KD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Package mechanical data
STGB8NC60KD - STGD8NC60KD - STGF8NC60KD - STGP8NC60KD
10/18
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in compliance
with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also
marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com