Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGD8NC60KD Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGD8NC60KD
Description  600 V - 8 A - short circuit rugged IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD8NC60KD Datasheet(HTML) 4 Page - STMicroelectronics

  STGD8NC60KD Datasheet HTML 1Page - STMicroelectronics STGD8NC60KD Datasheet HTML 2Page - STMicroelectronics STGD8NC60KD Datasheet HTML 3Page - STMicroelectronics STGD8NC60KD Datasheet HTML 4Page - STMicroelectronics STGD8NC60KD Datasheet HTML 5Page - STMicroelectronics STGD8NC60KD Datasheet HTML 6Page - STMicroelectronics STGD8NC60KD Datasheet HTML 7Page - STMicroelectronics STGD8NC60KD Datasheet HTML 8Page - STMicroelectronics STGD8NC60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STGB8NC60KD - STGD8NC60KD - STGF8NC60KD - STGP8NC60KD
4/18
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)CES
Collector-emitter
breakdown voltage
(VGE= 0)
IC= 1 mA
600
V
VCE(sat)
Collector-emitter saturation
voltage
VGE= 15 V, IC = 3 A
VGE= 15 V, IC = 3 A, TC = 125°C
2.2
1.8
2.75
V
V
VGE(th)
Gate threshold voltage
VCE= VGE, IC= 250 µA
4.5
6.5
V
ICES
Collector cut-off current
(VGE = 0)
VCE = 600 V
VCE = 600 V, TC = 125 °C
150
1
µA
mA
IGES
Gate-emitter leakage
current (VCE = 0)
VGE= ±20 V
±100
nA
gfs
(1)
1.
Pulse duration = 300 us, duty cycle 1.5 %
Forward transconductance
VCE = 15 V, IC= 3 A
1.9
S
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
Cies
Coes
Cres
Input capacitance
Output capacitance
Reverse transfer
capacitance
VCE = 25 V, f = 1 MHz,
VGE = 0
380
46
8.5
pF
pF
pF
Qg
Qge
Qgc
Total gate charge
Gate-emitter charge
Gate-collector charge
VCE = 390 V, IC = 3 A,
VGE = 15 V,
(see Figure 20)
19
5
9
nC
nC
nC
Table 6.
Switching on/off (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC = 3 A
RG= 10 Ω, VGE= 15 V
(see Figure 21)
17
6
655
ns
ns
A/µs
td(on)
tr
(di/dt)on
Turn-on delay time
Current rise time
Turn-on current slope
VCC = 390 V, IC =3 A
RG= 10 Ω, VGE= 15 V,
TC = 125 °C
(see Figure 21)
16.5
6.5
575
ns
ns
A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com