Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF8NC60KD Datasheet(PDF) 17 Page - STMicroelectronics

Part # GF8NC60KD
Description  600 V - 8 A - short circuit rugged IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF8NC60KD Datasheet(HTML) 17 Page - STMicroelectronics

Back Button GF8NC60KD Datasheet HTML 10Page - STMicroelectronics GF8NC60KD Datasheet HTML 11Page - STMicroelectronics GF8NC60KD Datasheet HTML 12Page - STMicroelectronics GF8NC60KD Datasheet HTML 13Page - STMicroelectronics GF8NC60KD Datasheet HTML 14Page - STMicroelectronics GF8NC60KD Datasheet HTML 15Page - STMicroelectronics GF8NC60KD Datasheet HTML 16Page - STMicroelectronics GF8NC60KD Datasheet HTML 17Page - STMicroelectronics GF8NC60KD Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
STGB8NC60KD - STGD8NC60KD - STGF8NC60KD - STGP8NC60KD
Revision history
17/18
6
Revision history
Table 9.
Document revision history
Date
Revision
Changes
02-Oct-2007
1
First release
01-Apr-2008
2
Updated Figure 14 and Figure 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com