Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GF8NC60KD Datasheet(PDF) 5 Page - STMicroelectronics

Part # GF8NC60KD
Description  600 V - 8 A - short circuit rugged IGBT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GF8NC60KD Datasheet(HTML) 5 Page - STMicroelectronics

  GF8NC60KD Datasheet HTML 1Page - STMicroelectronics GF8NC60KD Datasheet HTML 2Page - STMicroelectronics GF8NC60KD Datasheet HTML 3Page - STMicroelectronics GF8NC60KD Datasheet HTML 4Page - STMicroelectronics GF8NC60KD Datasheet HTML 5Page - STMicroelectronics GF8NC60KD Datasheet HTML 6Page - STMicroelectronics GF8NC60KD Datasheet HTML 7Page - STMicroelectronics GF8NC60KD Datasheet HTML 8Page - STMicroelectronics GF8NC60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
STGB8NC60KD - STGD8NC60KD - STGF8NC60KD - STGP8NC60KD
Electrical characteristics
5/18
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390 V, IC = 3 A,
RGE = 10 Ω, VGE =15 V
(see Figure 21)
33
72
82
ns
ns
ns
tr(Voff)
td(off)
tf
Off voltage rise time
Turn-off delay time
Current fall time
Vcc = 390 V, IC = 3 A,
RGE=10 Ω, VGE =15 V,
TC = 125 °C
(see Figure 21)
60
106
136
ns
ns
ns
Table 7.
Switching energy (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Eon
(1)
Eoff
(2)
Ets
1.
Eon is the turn-on losses when a typical diode is used in the test circuit in figure 2. If the IGBT is offered in
a package with a co-pak diode, the co-pack diode is used as external diode. IGBTs & Diode are at the
same temperature (25°C and 125°C)
2.
Turn-off losses include also the tail of the collector current
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390 V, IC = 3 A
RG= 10 Ω, VGE=15 V
(see Figure 21)
55
85
140
µJ
µJ
µJ
Eon
(1)
Eoff
(2)
Ets
Turn-on switching losses
Turn-off switching losses
Total switching losses
VCC = 390 V, IC = 3 A
RG= 10 Ω, VGE= 15 V,
TC = 125 °C
(see Figure 21)
87
162
249
µJ
µJ
µJ
Table 8.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on-voltage
IF = 3 A
IF = 3 A, TC = 125 °C
1.6
1.3
2.1
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 3 A, VR = 30 V,
di/dt = 100 A/
µs
(see Figure 22)
23.5
16.5
1.4
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
IF = 3 A,VR = 30 V,
TC =125 °C, di/dt = 100 A/µs
(see Figure 22)
39
39
2
ns
nC
A
Table 6.
Switching on/off (inductive load) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com