Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F827 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 56F827
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F827 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 56F827 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 33Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 34Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 35Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 36Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F827 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
56F827 Technical Data, Rev. 12
34
Freescale Semiconductor
Input Data Hold to RD Deasserted
tDRD
0—
ns
RD Assertion Width
Wait states = 0
Wait states > 0
tRD
19
(T*WS) + 19
—
—
ns
ns
Address Valid to Output Data Valid
Wait states = 0
Wait states > 0
tAD
—
—
1
(T*WS) + 1
ns
ns
Address Valid to RD Asserted
tARDA
-4.4
—
ns
RD Asserted to Input Data Valid
Wait states = 0
Wait states > 0
tRDD
—
—
2.4
(T*WS) + 2.4
ns
ns
WR Deasserted to RD Asserted
tWRRD
6.8
—
ns
RD Deasserted to RD Asserted
tRDRD
0—
ns
WR Deasserted to WR Asserted
tWRWR
14.1
—
ns
RD Deasserted to WR Asserted
tRDWR
12.8
—
ns
1. Timing is both wait state and frequency dependent. In the formulas listed, WS = the number of wait states and
T = Clock Period. For 80MHz operation, T = 12.5ns.
2. Parameters listed are guaranteed by design.
To calculate the required access time for an external memory for any frequency < 80MHz, use this formula:
Top = Clock period @ desired operating frequency
WS = Number of wait states
Memory Access Time = (Top*WS) + (Top- 11.5)
Table 3-10 External Bus Asynchronous Timing1, 2 (Continued)
Operating Conditions: VSSIO=VSS = VSSA = 0V, VDDA =VDDIO=3.0–3.6V, VDD = 2.25–2.75V, TA = –40° to +85°C, CL ≤ 50pF, fop = 80MHz
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com