Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTF3226LF Datasheet(PDF) 4 Page - Humirel

Part # HTF3226LF
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3226LF Datasheet(HTML) 4 Page - Humirel

  HTF3226LF Datasheet HTML 1Page - Humirel HTF3226LF Datasheet HTML 2Page - Humirel HTF3226LF Datasheet HTML 3Page - Humirel HTF3226LF Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL
DATA
4
PACKAGE OUTLINE HTF3226LF
Resistance to physical and chemical stresses
G HTF3226
LF has passed through qualification processes of HUMIREL including vibration, shock,
storage, high temperature and humidity, ESD.
G Additional tests under harsh chemical conditions demonstrate good operation in presence of salt
atmosphere, SO2 (0.5%, H2S (0.5%), 03, NOx, NO, CO, CO2, Softener, Soap, Toluene, acids (H2SO4, HNO3,
HCI), HMDS, Insecticide, Cigarette smoke, this is not an exhaustive list.
G HTF3226LF is not light sensitive.
The information in this sheet has been carefully reviewed and is believed to be accurate; however, no responsability is assumed for inaccuracies. Furthermore, this information does not convey
to the purchaser of such devices any license under the patent rights to the manufacturer. Humirel reserves the right to make changes without further notice to any product herein. Humirel
makes no warranty, representation or guarantee regarding the suitability of its product for any particular purpose, nor does Humirel assume any liability arising out of the application or use
of any product or circuit and specifically disclaims any and all liability, including without limitation consequential or incidental damages. « Typical » parameters can and do vary in different
applications. All operating parameters, including « Typical » must be validated for each customer applications by customer’s technical experts. Humirel does not convey any license under its
patent rights nor the rights of others. Humirel products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other appli-
cation intended to support or sustain life, or for any application in which the failure of the Humirel product could create a situation where personal injury or death may occur. Should buyer
purchase or use Humirel products for any such unintended or unauthorized application, Buyer shall indemnify and hold Humirel and its officers, employees, subsidaries, affiliates and distribu-
tors harmless against all claims, costs, damages and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of presonal injury or death associated with such unin-
tended or unauthorized use, even if such claim alleges that Humirel was negligent regarding the design or manufacture of the part.Humirel is a registred trade mark of Humirel.
Humirel Sensor Device Data / HPC053 RevD June 2005
Connector type : JST model S4B-ZR
to be mated with ZHR or 04ZR type female connectors
ORDERING INFORMATION (Multiple Package Quantity of 50 pieces) :HPP808G031
HTF3226LF
: Humidity Frequency output + NTC (Temperature direct output)
QUALIFICATION PROCESS
Dimensions in millimeters
Dim
HJKLMN
Φ
Min
4.8
7.3
3.0
Max
6.2
7.7
3.4
Dim
ABCDEFG
Min
9.7
8.5
28.0 14.5 1.5 3.5 1.45
Max 10.8 9.5 29.0 15.5 1.7 3.9 1.55
email : sales@humirel.com
SAMPLE KIT OF HTF 3226LF
IS AVAILABLE THROUGH
HUMIREL WEB SITE
www.humirel.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com