Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTF3226LF Datasheet(PDF) 1 Page - Humirel

Part # HTF3226LF
Description  TEMPERATURE AND HUMIDITY MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUMIREL [Humirel]
Direct Link  http://www.humirel.com
Logo HUMIREL - Humirel

HTF3226LF Datasheet(HTML) 1 Page - Humirel

  HTF3226LF Datasheet HTML 1Page - Humirel HTF3226LF Datasheet HTML 2Page - Humirel HTF3226LF Datasheet HTML 3Page - Humirel HTF3226LF Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL
DATA
1
TEMPERATURE AND HUMIDITY MODULE
Meets RoHS regulations
HTF3226LF
Characteristics
Symbol
Min.
Typ.
Max.
Unit.
Humidity metrology range
RH
1
99
% RH
Relative Humidity accuracy (10 to 95 % RH)
RH
+/- 5
+/- 10
% RH
Voltage supply
Vs
4.75
5.0
5.25
VdC
Nominal output @ RH = 55 %
Fout
8670
8750
8830
Hz
Current consumption
Ic
0.1
mA
Temperature coefficient (0 to 60 °C )
Tcc
- 0.2
% RH/°C
Averaged Sensitivity from 33 % to 75 % RH
∆Fout /∆ RH
-13
- 14
-16
Hz/% RH
Condensing conditions output (100% RH)
Fout
8000
8300
Hz
Recovery time after 150 hours of condensation
t
10
s
Humidity Hysteresis
+/-1
% RH
Long term stability
+/-0.5
% RH/yr
Time constant (33 to 76% RH, static, @63 %)
τ
10
s
Humirel Sensor Device Data / HPC053 RevD June 2005
Based on the rugged HS1101LF humidity sensor,
HTF3226
LF is a dedicated humidity and
temperature transducer designed for OEM applications where a reliable and accurate measurement is
needed. It features a miniature connector for easy, cost-effective mechanical mounting. Direct interface
with a micro-controller is made possible with the module’s linear frequency output.
MAIN FEATURES
HUMIDITY SENSOR SPECIFIC FEATURES
G
G
G
G
G
G
G
G
G
G
G
G
G
G
The best combination of cost effectiveness and performance
Stable, linear proportional frequency output from 10 to 95% RH.
Calibrated within +/- 5% RH @ 55% RH.
10 kohm +/- 3% NTC temperature sensor (1% optional)
Stable and reproducible characteristics with temperature.
High reliability and long term stability.
Instantaneous de-saturation after long periods in saturation phase.
Fast response time.
High resistance to chemicals.
Not affected by water immersion.
Patented solid polymer structure.
MAXIMUM RATINGS
CHARACTERISTICS
Ratings
Symbol
Value
Unit
Storage Temperature
Tstg
-40 to 85
°C
Storage Humidity Range
RHstg
0 to 100
% RH
Supply Voltage (Peak)
Vs
7
Vdc
Humidity Operating Range
RH
0 to 99
% RH
Temperature Operating Range Ta
-30 to 85
°C
TEMPERATURE SENSOR SPECIFIC FEATURES
High quality thermistor
Stable
High sensitivity
Humidity sensor (Ta = 25°C, Vs = 5.0 Vdc +/- 5%, R
L > 100 KΩ unless otherwise stated)


Similar Part No. - HTF3226LF

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
More results

Similar Description - HTF3226LF

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3000LF HUMIREL-HTF3000LF Datasheet
347Kb / 5P
TEMPERATURE AND HUMIDITY MODULE
HTF3130 HUMIREL-HTF3130 Datasheet
1Mb / 4P
TEMPERATURE AND HUMIDITY MODULE
HTG3400 HUMIREL-HTG3400 Datasheet
772Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTG3500 HUMIREL-HTG3500 Datasheet
766Kb / 10P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTF3000 HUMIREL-HTF3000 Datasheet
570Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
List of Unclassifed Man...
TH01 ETC2-TH01 Datasheet
232Kb / 7P
Temperature and Humidity Module
logo
Zhengzhou Winsen Electr...
ZS05 WINSEN-ZS05 Datasheet
475Kb / 8P
Temperature and Humidity Module
logo
Innovative Sensor Techn...
HYT939 IST-HYT939 Datasheet
570Kb / 3P
Digital Humidity and Temperature Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com